Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1869DH Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI1869DH
Description  Load Switch with Level-Shift
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1869DH Datasheet(HTML) 6 Page - Vishay Siliconix

  SI1869DH Datasheet HTML 1Page - Vishay Siliconix SI1869DH Datasheet HTML 2Page - Vishay Siliconix SI1869DH Datasheet HTML 3Page - Vishay Siliconix SI1869DH Datasheet HTML 4Page - Vishay Siliconix SI1869DH Datasheet HTML 5Page - Vishay Siliconix SI1869DH Datasheet HTML 6Page - Vishay Siliconix SI1869DH Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 73449
S-61965-Rev. B, 09-Oct-06
Vishay Siliconix
Si1869DH
TYPICAL CHARACTERISTICS
25 °C, unless noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see http://www.vishay.com/ppg?73449.
Normalized Thermal Transient Impedance, Junction-to-Foot
10- 3
10- 2
0
1
1
10- 1
10- 4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (sec)


Similar Part No. - SI1869DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1869DH VISHAY-SI1869DH Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI1869DH VISHAY-SI1869DH Datasheet
261Kb / 11P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1869DH-T1-E3 TECHPUBLIC-SI1869DH-T1-E3 Datasheet
2Mb / 5P
   Load Switch with Level-Shift
SI1869DH-T1-GE3 TECHPUBLIC-SI1869DH-T1-GE3 Datasheet
2Mb / 5P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
More results

Similar Description - SI1869DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
   Load Switch with Level-Shift
Rev. D, 08-Nov-10
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com