Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1551DL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI1551DL
Description  Complementary 20-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1551DL Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1551DL Datasheet HTML 1Page - Vishay Siliconix SI1551DL Datasheet HTML 2Page - Vishay Siliconix SI1551DL Datasheet HTML 3Page - Vishay Siliconix SI1551DL Datasheet HTML 4Page - Vishay Siliconix SI1551DL Datasheet HTML 5Page - Vishay Siliconix SI1551DL Datasheet HTML 6Page - Vishay Siliconix SI1551DL Datasheet HTML 7Page - Vishay Siliconix SI1551DL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si1551DL
Vishay Siliconix
Document Number: 71255
S-42353—Rev. C, 20-Dec-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N−CHANNEL
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 thru 3.5 V
TC = −55_C
125_C
2.5 V
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1.5 V
2 V
0
20
40
60
80
100
04
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
1.8
−50
−25
0
25
50
75
100
125
150
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
0
1
2
3
4
5
6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VDS − Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 0.29 A
ID − Drain Current (A)
VGS = 4.5 V
ID = 0.29 A
VGS = 2.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
VGS = 4.5 V
3 V
VGS = 2.7 V


Similar Part No. - SI1551DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1551DL VISHAY-SI1551DL Datasheet
62Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI1551DL VISHAY-SI1551DL Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
SI1551DL VISHAY-SI1551DL Datasheet
133Kb / 8P
   Complementary 20 V (D-S) MOSFET
01-Jan-2022
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
More results

Similar Description - SI1551DL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI1551DL VISHAY-SI1551DL Datasheet
62Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI5515DC VISHAY-SI5515DC Datasheet
82Kb / 8P
   Complementary 20-V (D-S) MOSFET
Rev. B, 14-Jun-04
SI5513DC VISHAY-SI5513DC Datasheet
83Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. F, 15-Nov-04
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL_10 Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
logo
Guangdong Kexin Industr...
KI1551DL KEXIN-KI1551DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI1553DL KEXIN-KI1553DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5515DC KEXIN-KI5515DC Datasheet
69Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5513DC KEXIN-KI5513DC Datasheet
70Kb / 2P
   Complementary 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com