Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPT3535ER101LP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LPT3535ER101LP
Description  Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPT3535ER101LP Datasheet(HTML) 2 Page - Vishay Siliconix

  LPT3535ER101LP Datasheet HTML 1Page - Vishay Siliconix LPT3535ER101LP Datasheet HTML 2Page - Vishay Siliconix LPT3535ER101LP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34068
164
Revision: 10-Oct-08
LPT-3535
Vishay Dale
Inductors/Transformers Customizable, Surface Mount
Torodial, Kool Mu®*, Powdered Iron and MPP Cores
SCHEMATICS - CONNECTION DIAGRAMS
Parallel
14
23
Series
14
23
Transformer
1
2
4
3
PART MARKING
- Vishay Dale
- Model number
- Pin 1 identification
PACKAGING in inches [millimeters]
Pocket Tape Orientation
Carrier Tape Width
0.945
[24.0]
Pitch
0.630
[16.0]
Parts per 13" [330.2] Reel
600
All embossed carrier tape packaging will be in
compliance with the latest revision of EIA-481.
DALE
LPT-[
]
[
]
[DATE CODE]
DALE
LPT-[
]
[
]
[DATE CODE]
DALE
LPT-[
]
[
]
[DATE CODE]
REELING DIRECTION


Similar Part No. - LPT3535ER101LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT3535ER101LP VISHAY-LPT3535ER101LP Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT3535ER101LP VISHAY-LPT3535ER101LP Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
LPT3535ER101LP VISHAY-LPT3535ER101LP Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
More results

Similar Description - LPT3535ER101LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT-3535 VISHAY-LPT-3535_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
LPT-3535 VISHAY-LPT-3535_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT-4545 VISHAY-LPT-4545 Datasheet
94Kb / 3P
   Inductors/Transformers, Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT-4545 VISHAY-LPT-4545_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT4545 VISHAY-LPT4545 Datasheet
247Kb / 2P
   Inductors/Transformers, Customizable, Surface Mount Torodial, Kool-Mu, Powdered Iron and MPP Cores
Revision 28-Aug-02
LPT-3535 VISHAY-LPT-3535_11 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT-4545 VISHAY-LPT-4545_11 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT3535 VISHAY-LPT3535 Datasheet
95Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu, Powered Iron and MPP Cores
Revision: 10-Aug-06
LPT-4545 VISHAY-LPT-4545_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
logo
Magnetics, a division o...
0076894A7HT15 MAGNETICS-0076894A7HT15 Datasheet
629Kb / 1P
   Kool Mµ® Hƒ Powder Cores
2/24/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com