Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

769D477X0035D2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 769D477X0035D2
Description  Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

769D477X0035D2 Datasheet(HTML) 3 Page - Vishay Siliconix

  769D477X0035D2 Datasheet HTML 1Page - Vishay Siliconix 769D477X0035D2 Datasheet HTML 2Page - Vishay Siliconix 769D477X0035D2 Datasheet HTML 3Page - Vishay Siliconix 769D477X0035D2 Datasheet HTML 4Page - Vishay Siliconix 769D477X0035D2 Datasheet HTML 5Page - Vishay Siliconix 769D477X0035D2 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 40055
For technical questions, contact: eurowettant@vishay.com
www.vishay.com
Revision: 03-Jul-07
31
769D (CECC 30202-013)
Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,
TANTALEX® Capacitors, CECC 30202-013 Approved
Vishay
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX. DF
at
+ 25 °C
(%)
MAX. IMP.
at
- 55 °C
(
Ω)
MAX. DCL
(µA) at
MAX. CAPACITANCE.
CHANGE (%) at
MAX.
RMS
RIPPLE
120 Hz
(mA)
+ 25 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
15 VDC at + 85 °C, 10 VDC at + 125 °C
15
A
769DL56X0015A2
5
145
1
2
- 24
+ 12
+ 12
70
33
A
769D336X0015A2
10
100
1
2
- 28
+ 16
+ 16
80
70
B
769D706X0015B2
11
63
1
4
- 28
+ 16
+ 16
250
100
A
769D107X0015A2
28
40
2
9
- 40
+ 16
+ 16
80
120
B
769D127X0015B2
27
50
1
7
- 28
+ 20
+ 20
250
170
C
769D177X0015C2
22
38
2
10
- 32
+ 16
+ 16
500
270
C
769D277X0015C2
50
30
2
16
- 56
+ 20
+ 20
500
360
B
769D367X0015B2
38
22
3
16
- 60
+ 20
+ 20
280
390
B
769D397X0015B2
38
21
3
16
- 60
+ 20
+ 20
280
540
C
769D547X0015C2
45
25
5
20
- 70
+ 25
+ 25
500
540
D
769D547X0015D2
15
23
3
24
- 80
+ 25
+ 25
850
680
C
769D687X0015C2
50
13
5
20
- 70
+ 25
+ 25
510
750
C
769D757X0015C2
52
13
6
24
- 70
+ 25
+ 25
510
820
C
769D827X0015C2
60
13
6
24
- 70
+ 25
+ 25
510
1100
D
769D118X0015D2
53
18
8
25
- 70
+ 25
+ 25
750
1200
D
769D128X0015D2
55
17
8
28
- 70
+ 25
+ 25
750
20 VDC at + 85 °C, 13 VDC at + 125 °C
82
A
769D826X0020A2
25
50
2
9
- 40
+ 16
+ 16
70
330
B
769D337X0020B2
30
21
3
16
- 60
+ 20
+ 20
280
560
C
769D567X0020C2
40
20
5
20
- 70
+ 25
+ 25
510
1000
D
769D108X0020D2
40
21
8
28
- 70
+ 25
+ 25
750
25 VDC at + 85 °C, 15 VDC at + 125 °C
10
A
769D106X0025A2
4
190
1
2
- 16
+ 9
+ 9
70
22
A
769D226X0025A2
7
140
1
2
- 20
+ 12
+ 12
80
50
A
769D506X0025A2
18
80
2
9
- 35
+ 15
+ 15
80
68
A
769D686X0025A2
22
50
2
9
- 35
+ 15
+ 15
80
100
B
769D107X0025B2
15
50
1
10
- 28
+ 15
+ 15
250
180
C
769D187X0025C2
46
32
2
18
- 48
+ 15
+ 15
500
270
B
769D277X0025B2
24
22
3
16
- 45
+ 16
+ 16
280
350
C
769D357X0025C2
27
26
7
28
- 60
+ 25
+ 25
500
350
D
769D357X0025D2
25
24
7
28
- 80
+ 25
+ 25
850
470
C
769D477X0025C2
33
18
6
24
- 60
+ 25
+ 25
510
510
C
769D517X0025C2
33
16
7
28
- 60
+ 25
+ 25
510
750
D
769D757X0025D2
36
18
8
29
- 60
+ 25
+ 25
750
820
D
769D827X0025D2
40
17
9
30
- 60
+ 25
+ 25
750
30 VDC at + 85 °C, 20 VDC at + 125 °C
8
A
769D805X0030A2
4
235
1
2
- 16
+ 12
+ 12
60
15
A
769D156X0030A2
8
175
1
2
- 20
+ 12
+ 12
80
40
B
769D406X0030B2
10
80
1
5
- 24
+ 12
+ 12
250
56
A
769D566X0030A2
20
55
2
9
- 32
+ 15
+ 15
70
68
B
769D686X0030B2
26
60
1
8
- 24
+ 15
+ 15
250
100
C
769D107X0030C2
16
45
2
12
- 28
+ 12
+ 12
500
150
C
769DL57X0030C2
38
35
2
18
- 48
+ 15
+ 15
500
180
B
769D187X0030B2
21
27
3
16
- 40
+ 16
+ 16
280
200
B
769D207X0030B2
21
25
3
16
- 40
+ 16
+ 16
280
220
B
769D227X0030B2
23
25
3
16
- 40
+ 16
+ 16
280
300
C
769D307X0030C2
25
18
7
28
- 55
+ 25
+ 25
500
300
D
769D307X0030D2
27
25
4
31
- 60
+ 25
+ 25
820
390
C
769D397X0030C2
27
15
6
24
- 55
+ 20
+ 25
510
430
C
769D437X0030C2
27
15
7
28
- 55
+ 25
+ 25
510
620
D
769D627X0030D2
32
22
8
29
- 60
+ 20
+ 25
750
680
D
769D687X0030D2
36
20
7
25
- 60
+ 25
+ 25
750


Similar Part No. - 769D477X0035D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X0006A0 VISHAY-769D306X0006A0 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X0006A2 VISHAY-769D306X0006A2 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X5006A0 VISHAY-769D306X5006A0 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D306X5006A2 VISHAY-769D306X5006A2 Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
More results

Similar Description - 769D477X0035D2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com