Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

735D186X0040A2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 735D186X0040A2
Description  Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

735D186X0040A2 Datasheet(HTML) 4 Page - Vishay Siliconix

  735D186X0040A2 Datasheet HTML 1Page - Vishay Siliconix 735D186X0040A2 Datasheet HTML 2Page - Vishay Siliconix 735D186X0040A2 Datasheet HTML 3Page - Vishay Siliconix 735D186X0040A2 Datasheet HTML 4Page - Vishay Siliconix 735D186X0040A2 Datasheet HTML 5Page - Vishay Siliconix 735D186X0040A2 Datasheet HTML 6Page - Vishay Siliconix 735D186X0040A2 Datasheet HTML 7Page - Vishay Siliconix 735D186X0040A2 Datasheet HTML 8Page - Vishay Siliconix 735D186X0040A2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40053
50
Revision: 29-Jun-07
735D, 735DE, CT79 (CECC 30202)
Vishay
Wet Tantalum Capacitors with Glass to
Tantalum Hermetic Seal CECC 30202 Approved
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
MAX.
DF
at
+ 20 °C
(%)
MAX.
IMP.
at
- 55 °C
(
Ω)
MAX. DCL
IN (µA) at
MAX. CAP. CHANGE
(%) at
MAX. RMS
RIPPLE
CURRENT
40 kHz
(mA)
+ 20 °C
+ 85 °C
+ 125 °C
- 55 °C
+ 85 °C
+ 125 °C
63 VDC at + 85 °C, 40 VDC at + 125 °C, 31 VDC at + 200 °C
10
A
735D106X0063A2
4
250
1.0
2.0
- 20
+ 8
+ 9
575
12
A
735D126X0063A2
7
233
2.0
4.0
- 20
+ 8
+ 9
575
15
A
735D156Xo063A2
8
220
2.0
9.0
- 22
+ 9
+ 9
565
47
B
735D476X0063B2
13
70
1.0
9.0
- 24
+ 13
+ 15
1150
56
B
735D566X0063B2
18
72
2.0
12
- 26
+ 14
+ 15
1150
82
B
735D826X0063B2
22
70
2.0
12
- 36
+ 15
+ 15
1150
100
C
735D107X0063C2
18
42
2.0
11
- 37
+ 14
+ 15
1420
120
C
735D127X0063C2
20
49
3.0
18
- 40
+ 18
+ 18
1420
150
D
735D157X0063D2
17
27
3.0
22
- 45
+ 20
+ 20
1865
220
C
735D227X0063C2
37
55
8.0
32
- 50
+ 25
+ 25
1345
270
D
735D277X0063D2
26
33
9.0
36
- 70
+ 24
+ 25
1850
330
D
735D337X0063D2
32
31
10
40
- 72
+ 25
+ 25
1850
75 VDC at + 85 °C, 50 VDC at + 125 °C, 37 VDC at + 200 °C
6.8
A
735D685X0075A2
3
300
1.0
2.0
- 20
+ 8
+ 9
610
8.2
A
735D825X0075A2
6
280
1.5
3.0
- 22
+ 9
+ 9
610
33
B
735D336X0075B2
10
90
1.0
9.0
- 24
+ 10
+ 12
1079
47
B
735D476X0075B2
15
87
2.0
10
- 30
+ 14
+ 14
1055
68
B
735D686X0075B2
21
86
2.0
12
- 36
+ 15
+ 15
1055
68
C
735D686X0075C2
13
50
2.0
10
- 30
+ 14
+ 15
1525
82
C
735D826X0075C2
15
45
2.0
10
- 32
+ 15
+ 15
1335
100
C
735DI07X0075C2
19
60
8.0
32
- 36
+ 17
+ 18
1335
120
D
735DI27X0075D2
12
28
3.0
24
- 36
+ 20
+ 20
1915
150
C
735DI57X0075C2
25
60
9.0
36
- 40
+ 20
+ 20
1335
150
D
735Dl57X0075D2
17
30
9.0
36
- 48
+ 21
+ 22
1915
180
C
735DI87X0075C2
28
60
9.0
36
- 50
+ 22
+ 22
1335
220
D
735D227X0075D2
37
32
10
40
- 60
+ 22
+ 22
1850
100 VDC at + 85 °C, 70 VDC at + 125 °C, 50 VDC at + 200 °C
4.7
A
735D475X0100A2
3
500
1.0
2.0
- 16
+ 7
+ 8
565
5.6
A
735D565X0100A2
6
475
2.0
5.0
- 17
+ 8
+ 8
530
22
B
735D226X0100B2
8
100
1.0
9.0
- 16
+ 8
+ 8
1065
33
B
735D336X0100B2
14
95
3.0
15
- 16
+ 8
+ 8
1065
33
C
735D336X0100C2
7
93
2.0
10
- 16
+ 8
+ 8
1200
39
B
735D396X0100B2
10
92
2.0
12
- 24
+ 12
+ 12
1065
39
C
735D396X0100C2
8
90
2.0
10
- 16
+ 8
+ 8
1285
47
C
735D476X0100C2
9
70
2.0
10
- 23
+ 10
+ 10
1390
56
C
735D566X0100C2
11
60
2.0
10
- 28
+ 14
+ 15
1335
68
C
735D686X0100C2
15
60
10
40
- 30
+ 15
+ 15
1335
68
D
735D686X0100D2
8
42
3.0
26
- 24
+ 15
+ 15
1860
82
D
735D826X0100D2
10
39
3.0
24
- 24
+ 18
+ 18
1860
100
D
735D107X0100D2
11
36
3.0
24
- 35
+ 20
+ 20
1860
125 VDC at + 85 °C, 85 VDC at + 125 °C, 62 VDC at + 200 °C
2.7
A
735D275X0125A2
3
780
1.0
2.0
- 16
+ 7
+ 8
455
3.3
A
735D335X0125A2
3
600
1.0
2.0
- 16
+ 7
+ 8
495
3.9
A
735D395X0125A2
3.5
557
2.0
5.0
- 16
+ 8
+ 8
495
15
B
735D156X0125B2
6
167
1.0
7.0
- 16
+ 7
+ 8
1050
18
B
735D186X0125B2
8
133
2.0
10
- 16
+ 8
+ 8
1065
39
C
735D396X0125C2
8
90
2.0
10
- 16
+ 8
+ 8
1285
47
C
735D476X0125C2
9
70
2.0
10
- 23
+ 10
+ 10
1285
68
D
735D686X0125D2
8
42
3.0
26
- 24
+ 15
+ 15
1860
82
D
735D826X0125D2
10
39
3.0
24
- 24
+ 18
+ 18
1860


Similar Part No. - 735D186X0040A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results

Similar Description - 735D186X0040A2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
STA VISHAY-STA Datasheet
67Kb / 3P
   Wet Tantalum Capacitors with Hermetic Seal
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
769D VISHAY-769D_08 Datasheet
89Kb / 6P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode,TANTALEX짰 Capacitors, CECC 30202-013 Approved
Revision: 03-Jul-07
ST250-75L2KI VISHAY-ST250-75L2KI Datasheet
98Kb / 6P
   SuperTan Wet Tantalum Capacitors with Hermetic Seal
Revision: 13-Oct-14
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com