Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHP203JTP120K50XB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VHP203JTP120K50XB
Description  Hermetically Sealed Miniature Ultra High Precision Z-Foil Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VHP203JTP120K50XB Datasheet(HTML) 3 Page - Vishay Siliconix

  VHP203JTP120K50XB Datasheet HTML 1Page - Vishay Siliconix VHP203JTP120K50XB Datasheet HTML 2Page - Vishay Siliconix VHP203JTP120K50XB Datasheet HTML 3Page - Vishay Siliconix VHP203JTP120K50XB Datasheet HTML 4Page - Vishay Siliconix VHP203JTP120K50XB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63146
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 06-May-08
3
VHP203 (Z-Foil)
Hermetically Sealed Miniature Ultra High Precision Z-Foil Technology
Resistors with TCR of 0.05 ppm/°C, Tolerance of ± 0.001 % and
Load Life Stability of ± 0.005 %, Unaffected by Humidity
Vishay Foil Resistors
Notes
1. Not to exceed power rating of resistor
2. 0.200" (5.08 mm) lead spacing available - specify VHP203J
3. Inductance (L) due mainly to the leads
4. The resolution limit of existing test equipment (within measurement capability of the equipment, or “essentially zero”)
5. µV/°C relates to EMF due to lead temperature difference and µV/W due to power applied to the resistor
6. Load life
ΔR max. can be reduced through in-house oriented processes
TABLE 3 - “H” SERIES SPECIFICATIONS
Stability6)
Load life at 2000 h
± 0.002 % maximum
ΔR at 0.1 W per chip and at + 60 °C
Shelf life
± 2 ppm (0.0002 %) after at least 10 years
Current Noise
< 0.010 µV (RMS)/V of applied voltage (- 40 dB)
High Frequency Operation
Rise time
1.0 ns without ringing
Inductance (L)3)
0.1 µH maximum; 0.08 µH typical
Capacitance (C)
1.0 pF maximum; 0.5 pF typical
Voltage Coefficient
< 0.1 ppm/V4)
Thermal EMF5)
0.1 µV/°C maximum; 0.05 µV/°C typical; 1 µV/W maximum
Hermeticity
10-7 atmospheric cc/s maximum
TABLE 4 - ENVIRONMENTAL PERFORMANCE COMPARISON
MIL-PRF-55182
CHAR J
VHP203
MAXIMUM
ΔR
VHP203
TYPICAL
ΔR
Test Group I
Thermal shock, 5 x (- 55 °C to + 125 °C)
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Short time overload, 6.25 x rated power, 5 s
± 0.2 %
± 0.01 % (100 ppm)
± 0.003 % (30 ppm)
Test Group II
Resistance temperature characteristics
± 25 ppm/°C
table 1
± 0.05 ppm/°C
Characteristic
Low temperature storage (24 h at - 65 °C)
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Low temperature operation
(45 min, rated power at - 65 °C)
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Terminal strength
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Test Group III
DWV
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Resistance to solder heat, 20 s at + 260 °C
± 0.1 %
± 0.01 % (100 ppm)
± 0.005 % (50 ppm)
Moisture resistance
± 0.4 %
± 0.005 % (50 ppm)
± 0.001 % (10 ppm)
Test Group IV
Shock
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Vibration
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Test Group V
Life test at 0.3 W at + 25 °C
2000 h
± 0.5 %
± 0.008 % (80 ppm)
± 0.002 % (20 ppm)
Test Group Va
Life test at 0.1 W at + 60 °C
± 0.5 %
± 0.008 % (80 ppm)
± 0.002 % (20 ppm)
Test Group VI
High temperature exposure (2000 h at + 125 °C)
± 2.0 %
± 0.02 % (200 ppm)
± 0.005 % (50 ppm)
Test Group VII
Voltage coefficient
5 ppm/V
< 0.1 ppm/V
< 0.1 ppm/V


Similar Part No. - VHP203JTP120K50XB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
More results

Similar Description - VHP203JTP120K50XB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
   Ultra High Precision Z-Foil Molded Surface Mount Resistor
Revision: 30-Jul-07
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
logo
Ohmite Mfg. Co.
HS185ASL1M000T OHMITE-HS185ASL1M000T Datasheet
97Kb / 1P
   Hermetically Sealed Precision Ultra-High Stability Axial Terminals
logo
Vishay Siliconix
FRSM VISHAY-FRSM Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
SMNZ VISHAY-SMNZ Datasheet
180Kb / 5P
   Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
Revision: 22-May-07
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
   Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
Revision: 7-Apr-11
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com