Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHP101T80K250CB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VHP101T80K250CB
Description  Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VHP101T80K250CB Datasheet(HTML) 2 Page - Vishay Siliconix

  VHP101T80K250CB Datasheet HTML 1Page - Vishay Siliconix VHP101T80K250CB Datasheet HTML 2Page - Vishay Siliconix VHP101T80K250CB Datasheet HTML 3Page - Vishay Siliconix VHP101T80K250CB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63003
2
Revision: 18-Jun-07
VHP100
Vishay Foil Resistors
Ultra-High Precision Hermetically Sealed Bulk Metal® Foil
Technology Resistor with Zero TCR and 0.005 % Tolerance
Note
1. For 0.200 lead spacing, specify VHP102 (60 ppm) or VHP103
(10 ppm).
Note
1. Load/life stability is considerably improved by reducing the temperature, power, or through in-house oriented tests
FIGURE 3 - TYPICAL CURVES WITHIN THE 60 ppm
WINDOW, VHP100 TCR FOR MIL RANGE
FIGURE 4 - TYPICAL CURVES WITHIN 10 ppm WINDOW,
VHP101 LABORATORY INSTRUMENT RANGE
60 ppm
Window
- 55
- 25
0
+ 25
+ 50
+ 75
+ 100
+ 125
Temperature (°C)
(- 55 °C to + 125 °C): Typical TCR = 0.6 ppm/°C, Ref. + 25 °C
+ 15
+ 20
+ 25
+ 30
+ 35
+ 40
+ 45
+ 50
10 ppm
Window
(+ 15 °C to + 45 °C): Typical TCR = 0.3 ppm/°C, Ref. + 25 °C
Temperature (°C)
FIGURE 5 - STANDARD PRINTING
TOLERANCE
RESISTANCE SPECIFIED IN
SIGNIFICANT DIGITS
± 1.0 %
3
± 0.1 %
4
± 0.01 %
5
± 0.005 %
6
Note
The number of significant digits of resistance accuracy to be
printed on the resistor should be in accordance with the specified
tolerance
TABLE 1 - VHP100 SERIES DIMENSIONS
INCHES
mm
VHP100
W
0.185 ± 0.020
4.70 ± 0.51
L
0.435 ± 0.020
11.05 ± 0.51
VHP101
H
0.430 ± 0.020
10.92 ± 0.51
LL
1.000 ± 0.125
25.4 ± 3.18
LS1)
0.150 ± 0.010
3.81 ± 0.25
ST
0.100 Maximum
2.54 Maximum
E
0.070 Maximum
1.78 Maximum
LS
Model
Number
VISHAY
XXXX
VHP100
ST
H
L
Date Code
W
Front View
Rear View
Lead Material #22 AWG
(0.025 Dia) Solder Coated Copper
Resistance
Value Code
Tolerance
Serial No.
100R01
0.01 %
XXXX
10
Week
01
Year
LL
E
TABLE 2 - VHP100 SPECIFICATIONS
Resistance Range
100
Ω to 150 kΩ
Tolerance at + 25 °C
± 0.005 % to ± 1.0 %
Power
0.3 W at + 70 °C (see figure 2)
Load Life Stability1)
(for 2000 hours)
0.3 W at + 70 °C; ± 0.015 % (150 ppm) Maximum
ΔR
0.15 W at + 125 °C; ± 0.015 % (150 ppm) Maximum
ΔR
Shelf-Life Stability
± 0.0002 % (2 ppm) after 10 years
Thermal EMF
Due to temperature difference between leads
Due to self-heating at 0.1 W
0.05 µV/°C
0 to 1 µV
High Frequency Operation
Rise/Decay Time
Inductance (L)
Capacitance (C)
1.0 ns for 1 k
Ω without ringing
0.1 µH Maximum; 0.08 µH typical
1.0 pF Maximum; 0.5 pF typical
Maximum Working Voltage
300 V
Voltage Coefficient
< 0.1 ppm/V
Current Noise
< 0.010 µV (rms)/V (- 40 dB)
Hermeticity
10-7 atmospheric cc/seconds maximum


Similar Part No. - VHP101T80K250CB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VHP-16 MINI-VHP-16 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-19 MINI-VHP-19 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-26 MINI-VHP-26 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
logo
Vishay Siliconix
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
logo
Mini-Circuits
VHP-39 MINI-VHP-39 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
More results

Similar Description - VHP101T80K250CB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
RCKHR02 VISHAY-RCKHR02 Datasheet
104Kb / 4P
   High Precision Bulk Metal® Foil with Tolerance of ± 0.005 % and Qualified to ESA Specification 4001/011
Revision: 17-Nov-08
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VSH VISHAY-VSH Datasheet
133Kb / 4P
   Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 %
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com