Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHP-4T500R00DB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VHP-4T500R00DB
Description  Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VHP-4T500R00DB Datasheet(HTML) 4 Page - Vishay Siliconix

  VHP-4T500R00DB Datasheet HTML 1Page - Vishay Siliconix VHP-4T500R00DB Datasheet HTML 2Page - Vishay Siliconix VHP-4T500R00DB Datasheet HTML 3Page - Vishay Siliconix VHP-4T500R00DB Datasheet HTML 4Page - Vishay Siliconix VHP-4T500R00DB Datasheet HTML 5Page - Vishay Siliconix VHP-4T500R00DB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VHP-3, VHP-4, VPR247
Vishay Foil Resistors
Bulk Metal® Foil Technology
Hermetically Sealed Power and Current Sensing Resistor
with TCR of 2 ppm/°C and Power up to 10 Watts
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63005
4
Revision: 31-Oct-07
Notes
1. Whichever is lower.
2. Heat
sink
chassis
dimensions
and
requirements
per
MIL-PRF-39009/1:
3. Inductance (L) due mainly to the leads.
4. The resolution limit of existing test equipment (within the
measurement capability of the equipment, or “essentially zero”).
5. Not to exceed power rating of resistor.
6. Vishay test data as compared to MIL-PRF-39009 is shown for
illustration purposes, Vishay test conditions that deviate from the
Mil test method are noted within parentheses.
7. Maximum ambient temperature rating is + 150 °C.
8. Maximum overload rating is 15 W (5 x rated power in free air;
1.5 x rated power on heatsink), with applied voltage not to
exceed 750 V.
9.
ΔR’s are as shown plus 0.001 Ω to allow for measurement errors
at low resistance values.
TABLE 4 - ENVIRONMENTAL PERFORMANCE
METHOD
PARAGRAPH6)
MIL-PRF-39009
ΔR LIMITS
VHP-3, VHP-4 AND VPR247
TYPICAL
ΔR TEST DATA9)
Test Group I
Conditioning
4.8.2
± 0.2 % + 0.01
Ω
± 0.03 %
Test Group II
Resistance temperature
4.8.4
< 1
Ω
See tables 1 and 2, page 1
Characteristic
± 100 ppm/°C;
(- 55 °C to + 125 °C)
1
Ω to 19.6 Ω:
± 50 ppm/°C;
≥ 20 Ω:
± 30 ppm/°C
Low temperature storage
4.8.16
± 0.3 % + 0.01
Ω
± 0.005 %
DWV
(300 V at atmospheric pressure)
4.8.5
± 0.2 % + 0.01
Ω
± 0.005 %
Insulation resistance
4.8.6
104 M
Ω
> 104 M
Ω
Low temperature operation
4.8.7
± 0.3 % + 0.01
Ω
± 0.01 %
Short time overload8)
(5 s at 15 W)
4.8.8
± 0.3 % + 0.01
Ω
± 0.03 %
Moisture resistance
4.8.9
± 0.5 % + 0.01
Ω
± 0.02 %
Terminal strength
4.8.10
± 0.2 % + 0.01
Ω
± 0.005 %
Test Group III
Shock - specified pulse
(Post-test DWV at 300 V)
4.8.11
± 0.2 % + 0.01
Ω
± 0.005 %
Vibration - high frequency
(Post-test DWV at 300 V)
4.8.12
± 0.2 % + 0.01
Ω
± 0.005 %
Test Group IV
Life test
10 W at 25 °C for 2000 h
4.8.13
± 1.0 % + 0.01
Ω
± 0.01 %
80 % power at + 70 °C
for 2000 h
-
-
± 0.04 %
Test Group V
High temperature exposure
2000 h at + 150 °C
4.8.14
± 1.0 % + 0.05
Ω
± 0.05 %
INCHES
MM
L
6.00
152.4
W
4.00
101.6
H
2.00
50.8
T
0.04
1.0


Similar Part No. - VHP-4T500R00DB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VHP-16 MINI-VHP-16 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-19 MINI-VHP-19 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-26 MINI-VHP-26 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-39 MINI-VHP-39 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
VHP-9R5 MINI-VHP-9R5 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
More results

Similar Description - VHP-4T500R00DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFP-3 VISHAY-VFP-3 Datasheet
123Kb / 5P
   Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Revision: 29-Aug-07
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
   Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
Revision: 05-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
200 VISHAY-200 Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
Revision: 16-Jul-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
   Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
Revision: 26-Jun-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com