Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VH102Z Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VH102Z
Description  Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VH102Z Datasheet(HTML) 1 Page - Vishay Siliconix

  VH102Z Datasheet HTML 1Page - Vishay Siliconix VH102Z Datasheet HTML 2Page - Vishay Siliconix VH102Z Datasheet HTML 3Page - Vishay Siliconix VH102Z Datasheet HTML 4Page - Vishay Siliconix VH102Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
77
VHZ Hermetic
Vishay Foil Resistors
Document Number: 63063
Revision 12-Dec-05
For technical questions, contact: foil@vishay.com
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
Bulk Metal
® Foil Technology
Hermetically Sealed Resistors, Aerospace
FEATURES
• VH102Z Series
Nominal Temperature Coefficient of Resistance:
± 0.2ppm/°C MIL Range (see table 2)
• VHZ555 Temperature Coefficient of Resistance:
± 2ppm/°C (– 55°C to + 125°C);
• Selected TCR Tracking: to 0.5ppm/°C (matched sets)
• Load-Life Stability: ± 0.0025% maximum ∆R at 0.1 watt,
+ 60°C, 2,000 hours (VHZ555)
• Power Rating: 0.6 Watts at + 70°C; 0.3 Watts at + 125°C
• Resistance Tolerance (Initial Resistance Accuracy):
± 0.005% tightest to ± 1.0% loosest
• Resistance Range:
VH102Z: 100R to 100K
VHZ555: 4R99 to 121K
The "VHZ" series of resistors is the hermetic version of
the molded "Z" series devices. Hermetic sealing eliminates
the ingress of both oxygen, which degrades resistors over
long periods, and moisture which degrades resistors more
quickly. These parts are made with glass to metal seal
enclosures employing Kovar eyelets which allow the copper
leads to pass through the enclosure to minimize the
thermal EMF from the lead junctions.
Rubber fill
between the metal housing and resistance element acts both
as a mechanical damper and thermal transfer path.
VH102Z is the hermetically-sealed counterpart of the Z201
high-performance molded resistors.
VHZ555 is the
hermetically-sealed version of the Z555, MIL style RNC90Z.
MODEL
RESISTANCE
STANDARD RESISTANCE MAXIMUM
AMBIENT
AVERAGE
DIMENSIONS
NUMBER
RANGE
TOLERANCE1 %WORKING
POWER RATING3 ††
WEIGHT
(
)TIGHTEST LOOSEST VOLTAGE2 at + 70°C at + 125°C
(GRAMS)
INCHES
mm
VH102Z
100R to 100K
± 0.005
± 1.0
W
0.185 Maximum
4.70 Maximum
± 1.0
L
0.435 Maximum
11.05 Maximum
± 1.0
300
0.6 W
0.3 W
1.4
H
0.430 Maximum** 10.92 Maximum
VHZ555
30.1 to 121K
± 0.005
± 1.0
LL
1 ± 0.125
25.4 ± 3.18
20 to < 30.1
± 0.01
± 1.0
LS
0.150 ± 0.0104
3.81 ± 0.25
4.99 to < 20
± 0.05
± 1.0
ST 0.095 Maximum
2.41 Maximum
LS
Model
Number
VISHAY
XXXX
VH102Z
ST
H
L
Date Code
W
Front View
Rear View
Lead Material #22 AWG
Round Solder Coated Copper
Resistance
Value Code
Tolerance
Serial No.
(Optional Marking)
100R01
0.01%
XXXX
10
Week
01
Year
LL
TABLE 1 - MODEL SELECTION
FIGURE 1 - STANDARD IMPRINTING AND DIMENSIONS
**0.375H available.
Product may not
be to scale


Similar Part No. - VH102Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VH102K VISHAY-VH102K Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
More results

Similar Description - VH102Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
   Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
Revision 17-Aug-04
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
   Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
Revision 26-Jan-05
VSR144 VISHAY-VSR144 Datasheet
40Kb / 2P
   Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
Revision 05-Aug-02
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
1442 VISHAY-1442_05 Datasheet
173Kb / 3P
   Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 08-Mar-05
300190-9 VISHAY-300190-9 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VTA52 VISHAY-VTA52 Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com