Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHP-3T500R00JB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VHP-3T500R00JB
Description  Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VHP-3T500R00JB Datasheet(HTML) 1 Page - Vishay Siliconix

  VHP-3T500R00JB Datasheet HTML 1Page - Vishay Siliconix VHP-3T500R00JB Datasheet HTML 2Page - Vishay Siliconix VHP-3T500R00JB Datasheet HTML 3Page - Vishay Siliconix VHP-3T500R00JB Datasheet HTML 4Page - Vishay Siliconix VHP-3T500R00JB Datasheet HTML 5Page - Vishay Siliconix VHP-3T500R00JB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 63005
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 31-Oct-07
1
VHP-3, VHP-4, VPR247
Vishay Foil Resistors
Bulk Metal® Foil Technology
Hermetically Sealed Power and Current Sensing Resistor with
TCR of 2 ppm/°C and Power up to 10 Watts
Any value available within resistance range
Vishay Bulk Metal® Foil power resistors offer the best
approach to low value power and current sensing when a
combination of accuracy, tight TCR, low thermal EMF, low
voltage coefficient, Kelvin connection, and long term stability
(under power) are required.
Vishay
Models
VHP-3
and
VHP-4
offer
all
welded
construction and screw mounting directly to a metal heat sink
for maximum heat transfer. Hermetic sealing and nitrogen
back
fill
provide
the
maximum
protection
against
environmental stresses, thereby ensuring long term stability.
A special feature of this construction is Kovar eyelet’s and
OFHC solder plated copper leads providing the lowest
thermal EMFs in the industry.
Vishay Model VPR247 has many of the advantages of the
VHP-4 but with significantly reduced size and weight. It also
has gold plated copper leads.
Our Application Engineering department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
Temperature coefficient of resistance TCR:
± 2 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.) (see tables 1 and 2)
• Tolerance: to ± 0.01 % (see tables 1 and 2)
• Power rating (heat-sinked): 10 W
• Load life stability: ± 0.01 % at 25 °C, 2000 h at rated power
• Resistance range: 0.05 Ω to 80 kΩ
• Electrostatic discharge (ESD) above 25 000 V
• Non inductive, non capacitive design
• Rise time: 1.0 ns without ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: 0.08 µH
• Non hot spot design
• Terminal finishes available:
VHP-3 and VHP-4:
lead (Pb)-free
tin/lead alloy
VPR247:
gold plated
• Any value available within resistance range (e.g. 1K234)
• Prototype samples available from 48 h. For more
information, please contact foil@vishay.com
• For better performances, please contact Application
Engineering
Notes
1. Weight of VHP-3 and VHP-4 = 15 g maximum
VPR247 = 7 g maximum
2. Available up to 500
Ω
3. - 55 °C to + 125 °C, + 25 °C ref.
4. See figure 5
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
TABLE 1 - VHP-31) SPECIFICATIONS
RESISTANCE
RANGE (
Ω)
TIGHTEST
TOLERANCE
TYPICAL
TCR3), 4)
MAXIMUM
TCR3)
50 to 80K
± 0.01 %
± 2 ppm/°C
± 5 ppm/°C
25 to < 50
± 0.02 %
± 7 ppm/°C
10 to < 25
± 0.05 %
± 10 ppm/°C
5 to < 10
± 0.1 %
± 13 ppm/°C
2 to < 5
± 0.25 %
± 20 ppm/°C
1 to < 2
± 0.5 %
± 25 ppm/°C
0.5 to < 1
± 1.0 %
± 50 ppm/°C
0.25 to < 0.5
± 2.0 %
0.1 to < 0.25
± 5.0 %
TABLE 2 - VHP-4 AND VPR247 SPECIFICATIONS1), 2)
RESISTANCE
RANGE (
Ω)
TIGHTEST
TOLERANCE
TYPICAL
TCR3), 4)
MAXIMUM
TCR3)
10 to 500
± 0.01 %
± 2 ppm/°C
± 5 ppm/°C
5 to < 10
± 0.02 %
± 6 ppm/°C
2 to < 5
± 0.05 %
± 8 ppm/°C
1 to < 2
± 0.1 %
± 10 ppm/°C
0.5 to < 1
± 0.25 %
± 15 ppm/°C
0.25 to < 0.5
± 0.5 %
± 20 ppm/°C
0.1 to < 0.25
± 1.0 %
± 25 ppm/°C
0.05 to < 0.1
± 2.0 %
± 30 ppm/°C


Similar Part No. - VHP-3T500R00JB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VHP-39 MINI-VHP-39 Datasheet
245Kb / 2P
   Ultra-Reliable High Pass Filters 1300 to 5500 MHz
More results

Similar Description - VHP-3T500R00JB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFP-3 VISHAY-VFP-3 Datasheet
123Kb / 5P
   Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Revision: 29-Aug-07
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
   Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
Revision: 05-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
200 VISHAY-200 Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
Revision: 16-Jul-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
   Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
Revision: 26-Jun-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com