Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1051X-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI1051X-T1-E3
Description  P-Channel 8-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1051X-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1051X-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1051X-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1051X-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1051X-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1051X-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1051X-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 74479
S-80641-Rev. B, 24-Mar-08
www.vishay.com
3
Vishay Siliconix
Si1051X
New Product
TYPICAL CHARACTERISTICS
TA = 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
2
4
6
8
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS = 5 thru 2.5 V
VGS = 1.5 V
VGS = 1 V
VGS = 2 V
0.0
0.1
0.2
0.3
0.4
0
246
8
10
ID - Drain Current (A)
VGS = 4.5 V
VGS = 1.8 V
VGS = 1.5 V
VGS = 2.5 V
0
1
2
3
4
5
0
246
8
Qg - Total Gate Charge (nC)
ID = 1.12 A
VDS = 6.4 V
VDS = 4 V
Transfer Characteristics curves vs. Temp
Capacitance
On-Resistance vs. Junction Temperature
VGS - Gate-to-Source Voltage (V)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0
0.3
0.6
0.9
1.2
1.5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
VDS - Drain-to-Source Voltage (V)
0
200
400
600
800
1000
02
4
6
8
Coss
Ciss
TJ - Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V, ID = 1.12 A
VGS = 4.5 V, ID = 1.0 A
VGS = 4.5 V, ID = 0.60 A
VGS = 1.5 V, ID = 0.50 A


Similar Part No. - SI1051X-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1050X VISHAY-SI1050X Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1050X VISHAY-SI1050X Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1050X VISHAY-SI1050X Datasheet
124Kb / 8P
   N-Channel 8 V (D-S) MOSFET
Rev. D, 08-Nov-10
logo
Vishay Telefunken
SI1050X TFUNK-SI1050X Datasheet
152Kb / 8P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI1050X VISHAY-SI1050X Datasheet
154Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1051X-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1315DL-T1-GE3 VISHAY-SI1315DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 29-Nov-10
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
   P-Channel 8 V (D-S) MOSFET
Rev. B, 21-May-12
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 20-Jul-15
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 07-Sep-09
SI2305CDS VISHAY-SI2305CDS_13 Datasheet
229Kb / 10P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 29-Mar-10
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 08-Nov-10
SI2305CD VISHAY-SI2305CD_V01 Datasheet
195Kb / 9P
   P-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2329DS VISHAY-SI2329DS Datasheet
178Kb / 4P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 04-Jul-11
SI2305ADS VISHAY-SI2305ADS Datasheet
139Kb / 7P
   P-Channel 8-V (D-S) MOSFET
Rev. C, 10-Nov-08
SIB437EDKT VISHAY-SIB437EDKT Datasheet
177Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 14-Feb-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com