Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1046R-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1046R-T1-GE3
Description  N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1046R-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1046R-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1046R-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1046R-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1046R-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1046R-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si1046R
New Product
Document Number: 74595
S-81543-Rev. B, 07-Jul-08
www.vishay.com
1
N-Channel 20-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
•TrenchFET® Power MOSFET: 1.8 V Rated
ESD Protected: 2000 V
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
20
0.420 at VGS = 4.5 V
0.606
0.92
0.501 at VGS = 2.5 V
0.505
0.660 at VGS = 1.8 V
0.15
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 650 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
0.606b, c
A
TA = 70 °C
0.485b, c
Pulsed Drain Current
IDM
2.5
Continuous Source-Drain Diode Current
TA = 25 °C
IS
0.21b, c
Maximum Power Dissipationa
TA = 25 °C
PD
0.25b, c
W
TA = 70 °C
0.16b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
440
530
°C/W
Steady State
540
650
Ordering Information: Si1046R-T1-E3 (Lead (Pb)-free)
Si1046R-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
J
XX
Lot Traceability
and Date Code
Part # Code
Top View
2
1
S
D
G
3
SC75-3L
RoHS
COMPLIANT


Similar Part No. - SI1046R-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1046X VISHAY-SI1046X Datasheet
110Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 07-Jul-08
SI1046X-T1-E3 VISHAY-SI1046X-T1-E3 Datasheet
110Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 07-Jul-08
SI1046X-T1-GE3 VISHAY-SI1046X-T1-GE3 Datasheet
110Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 07-Jul-08
More results

Similar Description - SI1046R-T1-GE3

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com