Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1026X-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI1026X-T1-GE3
Description  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1026X-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1026X-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI1026X-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI1026X-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI1026X-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI1026X-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si1026X
Document Number: 71434
S-80643-Rev. C, 24-Mar-08
www.vishay.com
1
N-Channel 60-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
Low On-Resistance: 1.40
Ω
Low Threshold: 2 V (typ.)
Low Input Capacitance: 30 pF
Fast Switching Speed: 15 ns (typ.)
Low Input and Output Leakage
ESD Protected: 2000 V
Miniature Package
BENEFITS
Low Offset Voltage
Low-Voltage Operation
High-Speed Circuits
Low Error Voltage
Small Board Area
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories, Transistors, etc.
Battery Operated Systems
Solid-State Relays
PRODUCT SUMMARY
V(BR)DSS(min) (V)
RDS(on) (Ω)VGS(th) (V)
ID (mA)
60
1.40 at VGS = 10 V
1 to 2.5
500
Marking Code: E
Top View
3
1
D2
G2
S1
5
2
4
6
D1
S2
G1
SC-89
Ordering Information: Si1026X-T1-E3 (Lead (Pb)-free)
Si1026X-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Surface Mounted on FR4 board.
b. Pulse width limited by maximum junction temperature.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
320
305
mA
TA = 85 °C
230
220
Pulsed Drain Currentb
IDM
- 650
Continuous Source Current (Diode Conduction)a
IS
450
380
Maximum Power Dissipationa
TA = 25 °C
PD
280
250
mW
TA = 85 °C
145
130
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
RoHS
COMPLIANT


Similar Part No. - SI1026X-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1026X VISHAY-SI1026X Datasheet
39Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 23-Apr-01
SI1026X VISHAY-SI1026X Datasheet
117Kb / 7P
   N-Channel 60 V (D-S) MOSFET
Rev. D, 25-Oct-10
SI1026X VISHAY-SI1026X Datasheet
147Kb / 7P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1026X TECHPUBLIC-SI1026X Datasheet
949Kb / 3P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI1026X VISHAY-SI1026X_10 Datasheet
117Kb / 7P
   N-Channel 60 V (D-S) MOSFET
Rev. D, 25-Oct-10
More results

Similar Description - SI1026X-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com