Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLZ14STRRPBFA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRLZ14STRRPBFA
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLZ14STRRPBFA Datasheet(HTML) 1 Page - Vishay Siliconix

  IRLZ14STRRPBFA Datasheet HTML 1Page - Vishay Siliconix IRLZ14STRRPBFA Datasheet HTML 2Page - Vishay Siliconix IRLZ14STRRPBFA Datasheet HTML 3Page - Vishay Siliconix IRLZ14STRRPBFA Datasheet HTML 4Page - Vishay Siliconix IRLZ14STRRPBFA Datasheet HTML 5Page - Vishay Siliconix IRLZ14STRRPBFA Datasheet HTML 6Page - Vishay Siliconix IRLZ14STRRPBFA Datasheet HTML 7Page - Vishay Siliconix IRLZ14STRRPBFA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 90414
www.vishay.com
S-Pending-Rev. A, 21-Jul-08
WORK-IN-PROGRESS
1
Power MOSFET
IRLZ14S, IRLZ14L, SiHLZ14S, SiHLZ14L
Vishay Siliconix
FEATURES
• Advanced Process Technology
• Surface Mount (IRLZ14S/SiHLZ14S)
• Low-Profile Through-Hole (IRLZ14L/SiHLZ14L)
• 175 °C Operating Temperature
• Fast Switching
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay utilize
advanced processing techniques to achieve extermely low
on-resistance per silicon area. This benefit, combined with
the fast switching speed and ruggedized device design that
Power MOSFETs are well known for, provides the designer
with an extremely efficient reliable device for use in a wide
variety of applications.
The D2PAK is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and lowest possible on-resistance
in any existing surface mount package. The D2PAK is
suitable for high current applications because of its low
internal connection resistance and can dissipate up to 2.0 W
in a typical surface mount application.
The through-hole version (IRLZ44L/SiHLZ44L) is available
for low-profile applications.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 790 µH, RG = 25 Ω, IAS = 10 A (see fig. 12).
c. ISD ≤ 10 A, dI/dt ≤ 90 A/µs, VDD ≤ VDS, TJ ≤ 175 °C.
d. 1.6 mm from case.
e. Uses IRLZ14/SiHLZ14 data and test conditions.
PRODUCT SUMMARY
VDS (V)
60
RDS(on) (Ω)VGS = 5 V
0.20
Qg (Max.) (nC)
8.4
Qgs (nC)
3.5
Qgd (nC)
6.0
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free
IRLZ14SPbF
IRLZ14STRRPbFa
-
SiHLZ14S-E3
SiHLZ14STR-E3a
-
SnPb
IRLZ14S
IRLZ14TRRa
IRLZ14L
SiHLZ14S
SiHLZ14TRa
SiHLZ14L
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltagee
VDS
60
V
Gate-Source Voltage
VGS
± 10
Continuous Drain Current
VGS at 5 V
TC = 25 °C
ID
10
A
TC = 100 °C
7.2
Pulsed Drain Currenta, e
IDM
40
Linear Derating Factor
0.29
W/°C
Single Pulse Avalanche Energyb, e
EAS
68
mJ
Maximum Power Dissipation
TC = 25 °C
PD
43
W
TA = 25 °C
3.7
Peak Diode Recovery dV/dtc, e
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRLZ14STRRPBFA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLZ14STRRPBFA VISHAY-IRLZ14STRRPBFA Datasheet
396Kb / 11P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRLZ14STRRPBFA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com