Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCD-128G128B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCD-128G128B
Description  128 x 128 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-128G128B Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD-128G128B Datasheet HTML 1Page - Vishay Siliconix LCD-128G128B Datasheet HTML 2Page - Vishay Siliconix LCD-128G128B Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
105
LCD-128G128B
Vishay
Document Number: 37277
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
128 x 128 Dots Graphic LCD
FEATURES
• Built-in controller
• 1/128 duty cycle
• + 5V power supply
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
72.5 x 69.9
mm
Viewing Area
50.0 x 49.0
mm
Dot Size
0.32 x 0.32
mm
Dot Pitch
0.35 x 0.35
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
4.75
5.0
5.25
V
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
L level
0.7VDD
–VDD
V
VIO
H level
0.3VDD
V
Supply Current
IDD
VDD = 5V
1.5
mA
Recommended LC Driving
- 20
°C
18.0
Voltage for Normal Temp.
VDD-V0
25
°C
17.0
V
Version Module
60
°C
16.0
LED Forward Voltage
VF
25
°C
4.2
4.6
V
LED Forward Current
IF
25
°C–
mm
EL Power Supply Current
IEL
Vel = 110VAC; 400Hz
5.0
mA


Similar Part No. - LCD-128G128B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-128G128A VISHAY-LCD-128G128A Datasheet
111Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
More results

Similar Description - LCD-128G128B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-128G128A VISHAY-LCD-128G128A Datasheet
111Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG128128A ETC-WG128128A Datasheet
163Kb / 1P
   LCD MODULE GRAPHIC 128 X 128 DOTS
logo
Hantronix,Inc
HDM128GS12-3 HANTRONIX-HDM128GS12-3 Datasheet
30Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12Y HANTRONIX-HDM128GS12Y Datasheet
31Kb / 1P
   128 X 128 Dots Graphic
HDM128GS12-4 HANTRONIX-HDM128GS12-4_15 Datasheet
35Kb / 1P
   128 X 128 Dots Graphic
logo
Vishay Siliconix
LCD-128G064I VISHAY-LCD-128G064I Datasheet
109Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B Datasheet
94Kb / 2P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128X064A VISHAY-LCD-128X064A Datasheet
115Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064G VISHAY-LCD-128G064G Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G128B VISHAY-LCD-240G128B Datasheet
111Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com