Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB20H200CT-1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SB20H200CT-1
Description  Dual Common-Cathode High-Voltage Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB20H200CT-1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SB20H200CT-1 Datasheet HTML 1Page - Vishay Siliconix SB20H200CT-1 Datasheet HTML 2Page - Vishay Siliconix SB20H200CT-1 Datasheet HTML 3Page - Vishay Siliconix SB20H200CT-1 Datasheet HTML 4Page - Vishay Siliconix SB20H200CT-1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR20H200CT, MBRF20H200CT & SB20H200CT-1
Vishay General Semiconductor
Document Number: 88786
Revision: 18-Apr-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
100
10
0.1
1
Instantaneous Forward Voltage (V)
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
T
J = 75 °C
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0.1
0.01
1
10
100
1000
Percent of Rated Peak Reverse Voltage (%)
10 000
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
T
J = 75 °C
10
20
30
40
50
60
70
80
90
100
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
100
1000
10 000
0.1
1
10
100
10
Reverse Voltage (V)
0.01
10
1
100
10
100
0.1
0.1
1
MBRF
MBR, MBRB
t - Pulse Duration (s)


Similar Part No. - SB20H200CT-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB20H200CT-1 VISHAY-SB20H200CT-1 Datasheet
125Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 27-Jul-07
logo
Kersemi Electronic Co.,...
SB20H200CT-1 KERSEMI-SB20H200CT-1 Datasheet
1Mb / 4P
   Guarding for overvoltage protection
logo
Vishay Siliconix
SB20H200CT-1 VISHAY-SB20H200CT-1 Datasheet
104Kb / 6P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 12-Jun-13
More results

Similar Description - SB20H200CT-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 09-Aug-11
logo
Nell Semiconductor Co.,...
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
   Dual Common Cathode High-Voltage Schottky Rectifier,
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
   Dual Common Cathode High-Voltage Schottky Rectifier
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 17-Aug-15
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 11-Dec-14
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 13-Aug-13
logo
Bruckewell Technology L...
MBR3040CT BWTECH-MBR3040CT Datasheet
449Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR10HXXCT VISHAY-MBR10HXXCT Datasheet
157Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 29-Jul-15
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 18-Mar-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com