Electronic Components Datasheet Search |
|
MBRF10H150CT Datasheet(PDF) 1 Page - Vishay Siliconix |
|
MBRF10H150CT Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page MBR10H150CT, MBRF10H150CT & SB10H150CT-1 Vishay General Semiconductor Document Number: 88779 Revision: 18-Apr-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 1 Dual Common-Cathode High-Voltage Schottky Rectifier Low Leakage Current 5.0 µA FEATURES • Guardring for overvoltage protection • Low power loss, high efficiency • Low forward voltage drop • High frequency operation • Solder dip 260 °C, 40 s • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in high frequency inverters, freewheeling and polarity protection applications. MECHANICAL DATA Case: TO-220AB, ITO-220AB, TO-262AA Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test Mounting Torque: 10 in-lbs maximum Polarity: As marked PRIMARY CHARACTERISTICS IF(AV) 2 x 5 A VRRM 150 V IFSM 160 A VF 0.72 V TJ 175 °C ITO-220AB TO-262AA MBR10H150CT MBRF10H150CT SB10H150CT-1 CASE PIN 2 PIN 1 PIN 3 TO-220AB 1 2 3 1 2 3 1 2 3 MAXIMUM RATINGS (TC = 25 °C unless otherwise noted) PARAMETER SYMBOL MBR10H150CT UNIT Maximum repetitive peak reverse voltage VRRM 150 V Working peak reverse voltage VRWM 150 V Maximum DC blocking voltage VDC 150 V Maximum average forward rectified current (Fig. 1) total device per diode IF(AV) 10 5 A Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode IFSM 160 A Peak repetitive reverse current per diode at tp = 2 µs, 1 kHz IRRM 1.0 A Peak non-repetitive reverse surge energy per diode (8/20 µs waveform) ERSM 10 mJ Non-repetitive avalanche energy per diode at 25 °C, IAS = 1.5 A, L = 10 mH EAS 11.25 mJ Voltage rate of change (rated VR) dV/dt 10 000 V/µs Operating junction and storage temperature range TJ, TSTG - 65 to + 175 °C Isolation voltage (ITO-220AB only) from terminals to heatsink t = 1 min VAC 1500 V |
Similar Part No. - MBRF10H150CT |
|
Similar Description - MBRF10H150CT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |