Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3123T50E Datasheet(PDF) 10 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3123T50E
Description  150KHZ 3A PWM BUCK DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3123T50E Datasheet(HTML) 10 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3123T50E Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T50E Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T50E Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T50E Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T50E Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T50E Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T50E Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T50E Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3123T50E Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
150KHZ 3A PWM BUCK DC/DC CONVERTER
2007-6-12
10/11
FSP3123
2) TO263-5L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.07
4.46
4.85
0.163
0.176
0.194
B
0.51
0.84
1.02
0.020
0.033
0.041
C
0.36
0.50
0.74
0.014
0.020
0.030
C2
1.14
1.27
1.65
0.046
0.050
0.066
D
8.20
9.15
9.65
0.328
0.360
0.380
E
9.65
10.16
10.67
0.386
0.400
0.427
e
1.57
1.71
1.85
0.063
0.068
0.074
L
14.45
15.24
15.88
0.578
0.600
0.635
L1
1.78
2.54
2.79
0.071
0.100
0.110
L2
2.92
0.115
e
B
E
D
L2
L
L1
C
C2
A
Land Pattern Recommendation (Unit: mm)
10.90
15.70
2.50
1.70
1.00


Similar Part No. - FSP3123T50E

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D33AE FOSLINK-FSP3122D33AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D33E FOSLINK-FSP3122D33E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3123T50E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com