Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VB30100C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VB30100C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.455 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB30100C Datasheet(HTML) 1 Page - Vishay Siliconix

  VB30100C Datasheet HTML 1Page - Vishay Siliconix VB30100C Datasheet HTML 2Page - Vishay Siliconix VB30100C Datasheet HTML 3Page - Vishay Siliconix VB30100C Datasheet HTML 4Page - Vishay Siliconix VB30100C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
V30100C, VF30100C, VB30100C & VI30100C
Vishay General Semiconductor
Document Number: 89010
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.455 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power
losses
• High efficiency operation
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB, ITO-220AB
and TO-262AA package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency inverters, switching power
supplies, freewheeling diodes, OR-ing diode, dc-to-dc
converters and reverse battery protection.
MECHANICAL DATA
Case:
TO-220AB,
ITO-220AB,
TO-263AB
and
TO-262AA
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
2 x 15 A
VRRM
100 V
IFSM
160 A
VF at IF = 15 A
0.63 V
TJ max.
150 °C
TO-220AB
1
2
3
1
K
2
3
TO-263AB
1
2
K
TO-262AA
PIN 1
PIN 2
PIN 3
K
PIN 1
PIN 2
K
HEATSINK
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
CASE
PIN 3
V30100C
VF30100C
VI30100C
VB30100C
TMBS
®
ITO-220AB
1
2
3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V30100C
VF30100C
VB30100C
VI30100C
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum average forward rectified current (Fig. 1)
per device
per diode
IF(AV)
30
15
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
per diode
IFSM
160
A
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C


Similar Part No. - VB30100C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB30100C VISHAY-VB30100C Datasheet
165Kb / 6P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VB30100C VISHAY-VB30100C Datasheet
102Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VB30100C-E3 VISHAY-VB30100C-E3 Datasheet
152Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 11-Sep-13
VB30100C-E3 VISHAY-VB30100C-E3 Datasheet
178Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.455 V at IF = 5 A
Revision: 13-Dec-16
VB30100C-E3 VISHAY-VB30100C-E3 Datasheet
214Kb / 6P
   Dual High Voltage TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - VB30100C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30100C-E3 VISHAY-V30100C-E3 Datasheet
178Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.455 V at IF = 5 A
Revision: 13-Dec-16
VB30100C-M3 VISHAY-VB30100C-M3 Datasheet
90Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.455 V at IF = 5 A
Revision: 03-Jan-17
VF20100R VISHAY-VF20100R_15 Datasheet
83Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
Revision: 17-Aug-15
V40D120C-M3 VISHAY-V40D120C-M3 Datasheet
109Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.45 V at IF = 5 A
Revision: 06-Feb-15
V60M120C-M3 VISHAY-V60M120C-M3 Datasheet
129Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Revision: 10-May-16
V40150C-E3 VISHAY-V40150C-E3 Datasheet
157Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 13-Dec-16
V60100C-M3 VISHAY-V60100C-M3 Datasheet
136Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.36 V at IF = 5 A
Revision: 11-May-16
VT60L45PW VISHAY-VT60L45PW Datasheet
96Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.24 V at IF = 5 A
Revision: 08-Jan-14
V30M120C VISHAY-V30M120C Datasheet
144Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 17-Nov-16
V20100C-E3 VISHAY-V20100C-E3 Datasheet
167Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 13-Dec-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com