Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VB20200C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VB20200C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.60 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB20200C Datasheet(HTML) 3 Page - Vishay Siliconix

  VB20200C Datasheet HTML 1Page - Vishay Siliconix VB20200C Datasheet HTML 2Page - Vishay Siliconix VB20200C Datasheet HTML 3Page - Vishay Siliconix VB20200C Datasheet HTML 4Page - Vishay Siliconix VB20200C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
New Product
V20200C, VF20200C, VB20200C & VI20200C
Vishay General Semiconductor
Document Number: 89072
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Instantaneous Forward Voltage (V)
T
A = 100 °C
0.0001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
T
A = 100 °C
0.001
10
100
1000
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Figure 6. Typical Transient Thermal Impedance Per Diode
Figure 7. Typical Transient Thermal Impedance Per Diode
1
10
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
V20200C
1
10
0.01
0.1
1
10
100
t - Pulse Duration (s)
Junction to Case
VF20200C


Similar Part No. - VB20200C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB20200C VISHAY-VB20200C Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VB20200C VISHAY-VB20200C Datasheet
157Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.60 V at IF = 5 A
Revision: 16-Aug-13
VB20200C VISHAY-VB20200C Datasheet
147Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 16-Aug-13
VB20200C-E3 VISHAY-VB20200C-E3 Datasheet
155Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.60 V at IF = 5 A
Revision: 12-Dec-16
VB20200C-E3 VISHAY-VB20200C-E3 Datasheet
214Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results

Similar Description - VB20200C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20200C-E3 VISHAY-V20200C-E3 Datasheet
155Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.60 V at IF = 5 A
Revision: 12-Dec-16
VF20100R VISHAY-VF20100R_15 Datasheet
83Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
Revision: 17-Aug-15
V40D120C-M3 VISHAY-V40D120C-M3 Datasheet
109Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.45 V at IF = 5 A
Revision: 06-Feb-15
V60M120C-M3 VISHAY-V60M120C-M3 Datasheet
129Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Revision: 10-May-16
V40150C-E3 VISHAY-V40150C-E3 Datasheet
157Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 13-Dec-16
V60100C-M3 VISHAY-V60100C-M3 Datasheet
136Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.36 V at IF = 5 A
Revision: 11-May-16
VT60L45PW VISHAY-VT60L45PW Datasheet
96Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.24 V at IF = 5 A
Revision: 08-Jan-14
V30M120C VISHAY-V30M120C Datasheet
144Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 17-Nov-16
V20100C-E3 VISHAY-V20100C-E3 Datasheet
167Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 13-Dec-16
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
Revision: 31-Jul-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com