Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VB20150SG Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VB20150SG
Description  High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB20150SG Datasheet(HTML) 5 Page - Vishay Siliconix

  VB20150SG Datasheet HTML 1Page - Vishay Siliconix VB20150SG Datasheet HTML 2Page - Vishay Siliconix VB20150SG Datasheet HTML 3Page - Vishay Siliconix VB20150SG Datasheet HTML 4Page - Vishay Siliconix VB20150SG Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - VB20150SG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VB20150SG VISHAY-VB20150SG Datasheet
158Kb / 5P
   High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
Revision: 13-Aug-13
VB20150SG VISHAY-VB20150SG Datasheet
149Kb / 5P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 13-Aug-13
VB20150SG-E3 VISHAY-VB20150SG-E3 Datasheet
157Kb / 6P
   High efficiency operation
Revision: 13-Dec-16
VB20150SG-E3 VISHAY-VB20150SG-E3 Datasheet
217Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VB20150SG-E3/4W VISHAY-VB20150SG-E3/4W Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
More results

Similar Description - VB20150SG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20150SG VISHAY-V20150SG_15 Datasheet
158Kb / 5P
   High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
Revision: 13-Aug-13
V20M100M-E3 VISHAY-V20M100M-E3 Datasheet
100Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
Revision: 11-May-16
V30100P VISHAY-V30100P_08 Datasheet
103Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 8 A
Revision: 26-May-08
VB10170C-E3 VISHAY-VB10170C-E3 Datasheet
93Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 2.5 A
Revision: 03-Jan-17
V10150S VISHAY-V10150S Datasheet
166Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
Revision: 19-May-08
V30120S VISHAY-V30120S_08 Datasheet
165Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Revision: 19-May-08
V10150S VISHAY-V10150S_15 Datasheet
156Kb / 5P
   High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
Revision: 13-Aug-13
V20120SG VISHAY-V20120SG Datasheet
166Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
Revision: 19-May-08
VB30100SG-M3 VISHAY-VB30100SG-M3 Datasheet
90Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.437 V at IF = 5 A
Revision: 15-May-13
V20100SG VISHAY-V20100SG_08 Datasheet
159Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 31-Jul-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com