Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

202D358X0030A4 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 202D358X0030A4
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

202D358X0030A4 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 202D358X0030A4 Datasheet HTML 3Page - Vishay Siliconix 202D358X0030A4 Datasheet HTML 4Page - Vishay Siliconix 202D358X0030A4 Datasheet HTML 5Page - Vishay Siliconix 202D358X0030A4 Datasheet HTML 6Page - Vishay Siliconix 202D358X0030A4 Datasheet HTML 7Page - Vishay Siliconix 202D358X0030A4 Datasheet HTML 8Page - Vishay Siliconix 202D358X0030A4 Datasheet HTML 9Page - Vishay Siliconix 202D358X0030A4 Datasheet HTML 10Page - Vishay Siliconix 202D358X0030A4 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Document Number: 40027
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 14-Oct-05
111
200D, 202D
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX® Components
TANTAPAK® Capacitor Assemblies
Vishay
EXTENDED RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
TYPE 200D
PART NUMBER (1)
TYPE 202D
MAX. ESR
at + 25 °C
(
Ω)
MAX. IMP.
at - 55 °C
(
Ω)
MAX. RMS
RIPPLE
120 Hz (A)
30 WVDC at + 85 °C . . . 20 WVDC at + 125 °C
1800.0
A1
200D188X0030A1
202D188X0030A1
0.28
4.5
1.13
2200.0
A2
200D228X0030A2
202D228X0030A2
0.22
3.6
1.41
2600.0
A3
200D268X0030A3
202D268X0030A3
0.18
3.0
1.67
3500.0
A4
200D358X0030A4
202D358X0030A4
0.14
2.3
2.05
4400.0
A5
200D448X0030A5
202D448X0030A5
0.11
1.8
2.54
35 WVDC at + 85 °C . . . 22 WVDC at + 125 °C
1400.0
A1
200D148X0035A1
202D148X0035A1
0.28
5.1
1.13
1800.0
A2
200D188X0035A2
202D188X0035A2
0.22
4.1
1.41
2200.0
A3
200D228X0035A3
202D228X0035A3
0.18
3.4
1.67
2900.0
A4
200D298X0035A4
202D298X0035A4
0.14
2.6
2.05
3600.0
A5
200D368X0035A5
202D368X0035A5
0.11
2.1
2.54
3900.0
B1
-
202D398X0035B1
0.16
2.7
2.03
5500.0
B2
-
202D558X0035B2
0.11
1.9
2.64
7000.0
B3
-
202D708X0035B3
0.089
1.5
3.16
8600.0
B4
-
202D868X0035B4
0.073
1.2
3.72
10 000.0
B5
-
202D109X0035B5
0.062
1.0
4.25
12 000.0
B6
-
202D129X0035B6
0.053
0.90
4.84
13 000.0
B7
-
202D139X0035B7
0.047
0.79
5.38
40 WVDC at + 85 °C . . . 25 WVDC at + 125 °C
1200.0
A1
200D128X0040A1
202D128X0040A1
0.28
5.5
1.13
1500.0
A2
200D158X0040A2
202D158X0040A2
0.22
4.4
1.41
1800.0
A3
200D188X0040A3
202D188X0040A3
0.18
3.7
1.67
2400.0
A4
200D248X0040A4
202D248X0040A4
0.14
2.8
2.05
3000.0
A5
200D308X0040A5
202D308X0040A5
0.11
2.3
2.54
50 WVDC at + 85 °C . . . 35 WVDC at + 125 °C
960.0
A1
200D967X0050A1
202D967X0050A1
0.28
6.1
1.13
1200.0
A2
200D128X0050A2
202D128X0050A2
0.22
4.9
1.14
1300.0
D3
-
202D138X0050D3
0.38
5.5
1.01
1400.0
A3
200D148X0050A3
202D148X0050A3
0.18
4.1
1.67
1900.0
A4
200D198X0050A4
202D198X0050A4
0.14
3.1
2.05
2400.0
A5
200D248X0050A5
202D248X0050A5
0.11
2.5
2.54
60 WVDC at + 85 °C . . . 40 WVDC at + 125 °C
800.0
A1
200D807X0060A1
202D807X0060A1
0.28
6.8
1.13
1000.0
A2
200D108X0060A2
202D108X0060A2
0.22
5.4
1.41
1100.0
D3
-
202D118X0060D3
0.38
5.8
1.01
1200.0
A3
200D128X0060A3
202D128X0060A3
0.18
4.5
1.67
1600.0
A4
200D168X0060A4
202D168X0060A4
0.14
3.4
2.05
2000.0
A5
200D208X0060A5
202D208X0060A5
0.11
2.7
2.54
75 WVDC at + 85 °C . . . 50 WVDC at + 125 °C
650.0
A1
200D657X0075A1
202D657X0075A1
0.28
7.9
1.13
820.0
A2
200D827X0075A2
202D827X0075A2
0.22
6.3
1.41
880.0
D3
-
202D887X0075D3
0.55
6.0
0.84
980.0
A3
200D987X0075A3
202D987X0075A3
0.18
5.2
1.64
1300.0
A4
200D138X0075A4
202D138X0075A4
0.14
3.9
2.05
1600.0
A5
200D168X0075A5
202D168X0075A5
0.11
3.2
2.54
Note
(1) The Part Numbers listed are for ± 20 % tolerance. To specify ± 10 % tolerance, change the digit following “X” from “0” to “9”. For
requirements or ratings other than those listed, please contact a Vishay representative.


Similar Part No. - 202D358X0030A4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
202D358X0030A4 VISHAY-202D358X0030A4 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results

Similar Description - 202D358X0030A4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com