Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V20150SG Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V20150SG
Description  High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V20150SG Datasheet(HTML) 1 Page - Vishay Siliconix

  V20150SG Datasheet HTML 1Page - Vishay Siliconix V20150SG Datasheet HTML 2Page - Vishay Siliconix V20150SG Datasheet HTML 3Page - Vishay Siliconix V20150SG Datasheet HTML 4Page - Vishay Siliconix V20150SG Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
V20150SG, VF20150SG, VB20150SG & VI20150SG
Vishay General Semiconductor
Document Number: 89060
Revision: 19-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.57 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power
losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AB, ITO-220AB
and TO-262AA package)
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency inverters, switching power
supplies, freewheeling diodes, OR-ing diode, dc-to-dc
converters and reverse battery protection.
MECHANICAL DATA
Case:
TO-220AB,
ITO-220AB,
TO-263AB
and
TO-262AA
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
20 A
VRRM
150 V
IFSM
140 A
VF at IF = 20 A
0.77 V
TJ max.
150 °C
PIN 1
PIN 2
PIN 3
K
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
CASE
PIN 3
TO-220AB
V20150SG
1
2
3
TMBS
®
VI20150SG
TO-262AA
VB20150SG
NC
A
K
HEATSINK
NC
A
K
TO-263AB
1
K
2
3
VF20150SG
ITO-220AB
1
2
3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V20150SG
VF20150SG
VB20150SG
VI20150SG
UNIT
Maximum repetitive peak reverse voltage
VRRM
150
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
20
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
140
A
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - V20150SG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20150SG VISHAY-V20150SG Datasheet
131Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V20150SG VISHAY-V20150SG Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150SG VISHAY-V20150SG Datasheet
158Kb / 5P
   High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
Revision: 13-Aug-13
V20150SG VISHAY-V20150SG Datasheet
142Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
V20150SG-E3 VISHAY-V20150SG-E3 Datasheet
157Kb / 6P
   High efficiency operation
Revision: 13-Dec-16
More results

Similar Description - V20150SG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20150SG VISHAY-V20150SG_15 Datasheet
158Kb / 5P
   High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
Revision: 13-Aug-13
V20M100M-E3 VISHAY-V20M100M-E3 Datasheet
100Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 5 A
Revision: 11-May-16
V30100P VISHAY-V30100P_08 Datasheet
103Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 8 A
Revision: 26-May-08
VB10170C-E3 VISHAY-VB10170C-E3 Datasheet
93Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.57 V at IF = 2.5 A
Revision: 03-Jan-17
V10150S VISHAY-V10150S Datasheet
166Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
Revision: 19-May-08
V30120S VISHAY-V30120S_08 Datasheet
165Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Revision: 19-May-08
V10150S VISHAY-V10150S_15 Datasheet
156Kb / 5P
   High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
Revision: 13-Aug-13
V20120SG VISHAY-V20120SG Datasheet
166Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
Revision: 19-May-08
VB30100SG-M3 VISHAY-VB30100SG-M3 Datasheet
90Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.437 V at IF = 5 A
Revision: 15-May-13
V20100SG VISHAY-V20100SG_08 Datasheet
159Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 31-Jul-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com