Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP34063N Datasheet(PDF) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP34063N
Description  UNIVERSAL DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP34063N Datasheet(HTML) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP34063N Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063N Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063N Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063N Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063N Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063N Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063N Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063N Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP34063N Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UNIVERSAL DC/DC CONVERTER
2007-1-25
6/10
FSP34063
TYPICAL CHARACTERISTICS
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0
0.6
0.8
1.0
1.2
1.4
Ie, Emitter Current(A)
Vce(sat) vs Ie
0 10 20 30 4050 60 70 8090 100
1.245
1.24
1.25
1.255
1.26
Temperature(℃)
Reference Voltage vs Temperature
0 10 203040 50 60 7080 90 100
340
320
380
420
440
Temperature(℃)
Current Sense Voltage vs
Temperature
360
400
510
15 20 25 30 35 40
0
0.0
1.0
2.0
3.0
4.0
Vcc, Supply Voltage(V)
Standby Supply Current
vs Supply Voltage
0.5
1.5
2.5
3.5
100 300
700
900 1100 1300 1500
1.5
1.4
1.6
1.7
1.8
Ie(mA)
Emitter Follower Configuration Output
Saturation Voltage vs Emitter Current
1.45
1.55
1.65
1.75
Pin1,7,8=Vcc
Pin3,5=GND
Vcc=2~10V
TA=25℃
Output Switch On-Off Time vs
Oscillator Timing Capacitor
CT,Oscilllator Timing Capacitor(nF)
0.01
0.1
1
10
1000
100
10
1
0.1
ton
toff
Vcc=5.0V
TA=25℃
Pin7=Vcc
Pin5=GND


Similar Part No. - FSP34063N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSP3-277-20KA ETC2-FSP3-277-20KA Datasheet
582Kb / 1P
   Patent-pending 3-Pole Fused In-Line Surge Protectors for LED Drivers
FSP3-480-20KA ETC2-FSP3-480-20KA Datasheet
582Kb / 1P
   Patent-pending 3-Pole Fused In-Line Surge Protectors for LED Drivers
logo
FSP TECHNOLOGY INC.
FSP30-ZZAP050M FSP-FSP30-ZZAP050M Datasheet
94Kb / 1P
   High Efficiency & Long Life
FSP30-ZZAP060M FSP-FSP30-ZZAP060M Datasheet
94Kb / 1P
   High Efficiency & Long Life
FSP30-ZZAP070M FSP-FSP30-ZZAP070M Datasheet
94Kb / 1P
   High Efficiency & Long Life
More results

Similar Description - FSP34063N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
207Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
   Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063_09 Datasheet
220Kb / 11P
   UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
   Universal DC/DC Converter
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
   Universal DC To DC Converter
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com