Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3601SH Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3601SH
Description  STEP-UP DC/DC CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3601SH Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3601SH Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SH Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
STEP-UP DC/DC CONTROLLER
2007-6-6
2/14
FSP3601
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Power supply voltage
+15V
Output source current
-50mA
Output sink current
+50mA
SOP8
Ta≦+25℃
570mW
MSOP8
Ta≦+25℃
400mW
Allowable dissipation
TSSOP8
Ta≦+25℃
400mW
Operating temperature
-10℃∽+85℃
Storage temperature
-55℃∽+125℃
SOP8 lead Temperature (solding,10 sec)
+260℃
TSSOP8 Lead Temperature (solding,10 sec)
+260℃
MSOP8Lead Temperature (soldering,10 sec)
+260℃
DC Electrical Characteristics
Under Voltage Lock-Out section (U.V.L.O.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Low threshold voltage
VLOW
0.9
V
Upper threshold voltage
VUPPER
1.1
1.3
1.5
V
Soft Start section (S.S.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input source current
ISS
VSCP=0V
-1.5
-1.0
-0.7
μ
A
Soft start threshold voltage
VSST
0.8
0.9
1.0
V
Sawtooth
supply
8
0.22V
500Ω
36kΩ
1
Soft start SCP
5
7
0.1V-
+
+
+
-
6
1.25V
+
-
3
4
Output drive
0.5V
Reference
0.1V
voltage
wave
control circuit
Error Amp.
PWM
Comp.
DTC0.6V
2
500Ω
0.6V-
oscillator
30KΩ


Similar Part No. - FSP3601SH

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
   SYNCHRONOUS BOOST DC/DC CONVERTER
FSP3602CAK FOSLINK-FSP3602CAK Datasheet
176Kb / 5P
   SYNCHRONOUS BOOST DC/DC CONVERTER
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
FSP3603TCAD FOSLINK-FSP3603TCAD Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
FSP3604 FOSLINK-FSP3604 Datasheet
559Kb / 6P
   3W HIGH POWER WHITE LED DRIVER
More results

Similar Description - FSP3601SH

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC9120 TOREX-XC9120 Datasheet
274Kb / 17P
   Step-Up DC/DC Controller IC,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com