Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3603 Datasheet(PDF) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3603
Description  1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3603 Datasheet(HTML) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3603 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3603 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
2007-4-19
6/9
FSP3603
TYPICAL CHARACTERISCITS (CONTINUED)
TYPICAL APPLICATION CIRCUIT
APPLICATION INFORMATION
Setting the Output Voltage
An external resistor divider is used to set the output voltage. The output voltage of the switching regulator (VOUT) is
determined by the following equation:
Table 1 list the resistor selection for output voltage setting.
VOUT
R1(Ω)
R2(Ω)
3.3V
1.02M
604k
5.0V
1.02M
332k
Inductor Selection
The high switching frequency of 1.2MHz allows for small surface mount inductors. For most designs, the
FSP3603 operates with inductors of 4.7µH to 10µH.The equation below can help to select the inductor, the


Similar Part No. - FSP3603

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
FSP3601MSAH FOSLINK-FSP3601MSAH Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
FSP3601MSH FOSLINK-FSP3601MSH Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
FSP3601SAH FOSLINK-FSP3601SAH Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
FSP3601SH FOSLINK-FSP3601SH Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
More results

Similar Description - FSP3603

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Skyworks Solutions Inc.
AAT1217 SKYWORKS-AAT1217 Datasheet
1,001Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217_08 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Analog Intergrations Co...
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
logo
AiT Semiconductor Inc.
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
logo
Analog Intergrations Co...
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
logo
SamHop Microelectronics...
SM8237 SAMHOP-SM8237 Datasheet
336Kb / 14P
   1.2MHz STEP-UP CONVERTER
logo
Shenzhen Huazhimei Semi...
HM1538 HMSEMI-HM1538 Datasheet
522Kb / 7P
   1.2MHz, 1.5A Up to 28V Output Micropower Step-Up Converter
logo
Monolithic Power System...
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
   400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com