Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3601SAH Datasheet(PDF) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3601SAH
Description  STEP-UP DC/DC CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3601SAH Datasheet(HTML) 7 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3601SAH Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SAH Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SAH Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SAH Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SAH Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SAH Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SAH Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SAH Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3601SAH Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STEP-UP DC/DC CONTROLLER
2007-6-6
7/14
FSP3601
TIMING WAVEFORM
DETAILED DESCRIPTION
Voltage reference
A 1.25V regulator operating from VCC is used to power the internal circuitry of the FSP3601. An internal resister
divider provides 0.5V reference for the error amplifier, Soft-start (typ. 0.9V) and SCP (typ.0.8V).
Error amplifier
The error amplifier compares a sample of the dc-dc converter output voltage to the 0.5V reference and generates an
error signal for the PWM comparator. Output voltage of the dc-dc converter is setting with the resistor divider using
the following expression (see fig12):
VOUT = (1+R1/ R2)*0.5
Figure 12. Error Amplifier with Feedback resistance divider
ON
SW
OFF
Power supply control
Soft start
ts
Output
short
circuit
Output short circuit
tpe
Short circuit
detection
SCP pin waveforms
OUT pin waveforms
Soft start setting voltage
Idle period setting voltage
Reference input for short circuit
detection comparator
COMP pin voltage
500
Vout
R2
FSP3601
R1
-
+
Error Amplifier
C1
8
36K
1
0.5V


Similar Part No. - FSP3601SAH

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
   SYNCHRONOUS BOOST DC/DC CONVERTER
FSP3602CAK FOSLINK-FSP3602CAK Datasheet
176Kb / 5P
   SYNCHRONOUS BOOST DC/DC CONVERTER
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
FSP3603TCAD FOSLINK-FSP3603TCAD Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
FSP3604 FOSLINK-FSP3604 Datasheet
559Kb / 6P
   3W HIGH POWER WHITE LED DRIVER
More results

Similar Description - FSP3601SAH

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC9120 TOREX-XC9120 Datasheet
274Kb / 17P
   Step-Up DC/DC Controller IC,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com