Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3122D50AE Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3122D50AE
Description  150KHZ 3A PWM BUCK DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3122D50AE Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3122D50AE Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D50AE Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D50AE Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D50AE Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D50AE Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D50AE Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D50AE Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D50AE Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3122D50AE Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
150KHZ 3A PWM BUCK DC/DC CONVERTER
2007-6-12
1/11
FSP3123
PIN CONFIGURATION
(1) TO220-5L
(2) TO263-5L
(Top View)
(Top View)
(3) PDIP8L
(Top View)
Symbol
TO220/TO263
PDIP
Name
Descriptions
1
1
Vin
Operating Voltage Input
2
2
Output
Switching Output
3
5~8
Gnd
Ground
4
3
FB
Output Voltage Feedback Control
5
4
SD
ON/OFF Shutdown
FEATURES
Output voltage: 3.3V, 5.0V, 12V, and adjustable
output version
Adjustable version output voltage range:1.23V to
18V±4%
150KHz±15% fixed switching frequency
Voltage mode non-synchronous PWM control
Thermal-shutdown and current-limit protection
ON/OFF shutdown control input
Operating voltage can be up to 22V
Output load current: 3A
Low power standby mode
Built-in switching transistor on chip
TO220-5L,TO263-5L and PDIP8L packages
APPLICATIONS
Simple High-efficiency step-down regulator
On-card switching regulators
Positive to negative converter
GENERAL DESCRIPTION
The FSP3123 series are monolithic IC that design for
a step-down DC/DC converter, and own the ability of
driving a 3A load without additional transistor
component. Due to reducing the number of external
component, the board space can be saved easily.
The external shutdown function can be controlled by
logic level and then come into standby mode. The
internal compensation makes feedback control have
good line and load regulation without external design.
Regarding protected function, thermal shutdown is to
prevent over temperature operating from damage,
and current limit is against over current operating of
the output switch. If current limit function occurred and
VFB is down to 0.5V below, the switching frequency
will be reduced. The FSP3123 series operates at a
switching frequency of 150 KHz thus allowing smaller
sized filter components than what would be needed
with lower frequency switching regulators. Other
features include a guaranteed ±4% tolerance on
output voltage under specified input voltage and
output load conditions, and ±15% on the oscillator
frequency. The output version included fixed 3.3V,
5V, 12V, and an adjustable type. The packages are
available in a standard 5-lead TO-220 package, a
5-lead TO-263 package or 8-lead PDIP.
Metal Tab Gnd
1 VIN
2 OUTPUT
3 GND
4 FB
5 SD
1
2
3
4
5
VIN
OUTPUT
GND
FB
SD
Metal Tab Gnd
8
7
6
5
1
2
3
4
VIN OUTPUT FB
SD
GND GND GND
GND


Similar Part No. - FSP3122D50AE

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122D50AE FOSLINK-FSP3122D50AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3122D50AE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com