Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3125S33AE Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3125S33AE
Description  150KHZ竊?A PWM BUCK DC/DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3125S33AE Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3125S33AE Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S33AE Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S33AE Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S33AE Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S33AE Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S33AE Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S33AE Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S33AE Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3125S33AE Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
150KHZ,2A PWM BUCK DC/DC CONVERTER
2007-3-27
9/9
FSP3125
PACKAGE INFORMATION
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.35
1.60
1.75
0.053
0.063
0.069
A1
0.10
0.25
0..004
0.010
A2
1.35
1.45
1.55
0.053
0.057
0.061
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.010
D
4.80
4.90
5.00
0.192
0.196
0.200
E
3.80
3.90
4.00
0.148
0.154
0.160
e
1.27TYP.
0.050TYP.
H
5.80
5.99
6.30
0.228
0.236
0.248
L
0.38
0.71
1.27
0.015
0.028
0.050
θ
0
ο
8
ο
0
ο
8
ο
e
B
D
7ο(4х)
0.015х45ο
VIEW “A”
7ο(4х)


Similar Part No. - FSP3125S33AE

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12E FOSLINK-FSP3122D12E Datasheet
320Kb / 11P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3125S33AE

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com