Electronic Components Datasheet Search |
|
FSP2162S18AD Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD |
|
FSP2162S18AD Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD |
1 / 11 page 1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR 2007-12-6 1/11 FSP2162 APPLICATIONS DSP, FPGA, and Microprocessor Power Supplies 1.2V Core Voltage for DSPs SATA Power Supply LCD TV/ Monitors Wireless Devices Communication Devices Portable Electronics Post Regulator for SMPS PIN CONFIGURATION (Top View) BLOCK DIAGRAM Pin Number Pin Name Pin Function 1 GND Ground 2 VIN Input 3 EN Enable Pin 4 GND Ground 5 PWRGD Power Good 6 SENSE Sense 7 VOUT Output 8 GND Ground FEATURES Low-Dropout Regulator Supports Input Voltages Down to 1.4V Output Voltage Available in 0.9V, 1.0V, 1.2V, 1.5V, 1.8V, 2.5V,2.8V,2.85V,3.0V, 3.3V Stable with a Ceramic Output Capacitor of 1.0uF or Higher Low Dropout Voltage:150mV at 1.5A Low Quiescent Current Over Temperature Shutdown Short Circuit Protection Low Temperature Coefficient Standard SOP8L/EP (Exposed pad) Package GENERAL DESCRIPTION The FSP2162 is a 1.5A CMOS LDO regulator that features a low quiescent current, ultra low input, output and dropout voltages, as well as over temperature shutdown. It is available in SOP8L/EP (Exposed pad) package. The fixed output voltage of the FSP2162 is set at the factory and trimmed to ±2%. The FSP2162 is stable with a ceramic output capacitor of 1.0uF or higher. This family of regulators can provide either a stand-alone power supply solution or act as a post regulator for switch mode power supplies. They are particularly well suited for applications requiring low input and output voltage |
Similar Part No. - FSP2162S18AD |
|
Similar Description - FSP2162S18AD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |