Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP2162S28AD Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2162S28AD
Description  1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2162S28AD Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2162S28AD Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162S28AD Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162S28AD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162S28AD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162S28AD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162S28AD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162S28AD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162S28AD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2162S28AD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
2007-12-6
1/11
FSP2162
APPLICATIONS
DSP, FPGA, and Microprocessor Power Supplies
1.2V Core Voltage for DSPs
SATA Power Supply
LCD TV/ Monitors
Wireless Devices
Communication Devices
Portable Electronics
Post Regulator for SMPS
PIN CONFIGURATION
(Top View)
BLOCK DIAGRAM
Pin Number
Pin Name
Pin Function
1
GND
Ground
2
VIN
Input
3
EN
Enable Pin
4
GND
Ground
5
PWRGD
Power Good
6
SENSE
Sense
7
VOUT
Output
8
GND
Ground
FEATURES
Low-Dropout Regulator Supports Input Voltages
Down to 1.4V
Output Voltage Available in 0.9V, 1.0V, 1.2V, 1.5V,
1.8V, 2.5V,2.8V,2.85V,3.0V, 3.3V
Stable with a Ceramic Output Capacitor of
1.0uF or Higher
Low Dropout Voltage:150mV at 1.5A
Low Quiescent Current
Over Temperature Shutdown
Short Circuit Protection
Low Temperature Coefficient
Standard SOP8L/EP (Exposed pad) Package
GENERAL DESCRIPTION
The FSP2162 is a 1.5A CMOS LDO regulator that
features a low quiescent current, ultra low input, output
and dropout voltages, as well as over temperature
shutdown. It is available in SOP8L/EP (Exposed pad)
package. The fixed output voltage of the FSP2162 is
set at the factory and trimmed to ±2%. The FSP2162 is
stable with a ceramic output capacitor of 1.0uF or
higher.
This family of regulators can provide either a
stand-alone power supply solution or act as a post
regulator for switch mode power supplies. They are
particularly well suited for applications requiring low
input and output voltage


Similar Part No. - FSP2162S28AD

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2160 FOSLINK-FSP2160 Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E09AD FOSLINK-FSP2160E09AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E10AD FOSLINK-FSP2160E10AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E12AD FOSLINK-FSP2160E12AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E15AD FOSLINK-FSP2160E15AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
More results

Similar Description - FSP2162S28AD

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3115 PAM-PAM3115 Datasheet
537Kb / 16P
   1.5A Low Voltage-Low Dropout CMOS Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2160 FOSLINK-FSP2160 Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2161 FOSLINK-FSP2161 Datasheet
255Kb / 12P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
logo
GTM CORPORATION
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
   1.5A Low Dropout Voltage CMOS Regulator
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com