Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP3100C12AD Datasheet(PDF) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3100C12AD
Description  1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3100C12AD Datasheet(HTML) 8 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP3100C12AD Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100C12AD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100C12AD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100C12AD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100C12AD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100C12AD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100C12AD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100C12AD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3100C12AD Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
2007-1-29
8/11
FSP3100
OPERATION
FSP3100 is a monolithic switching mode Step-Down DC-DC converter. It utilizes internal MOSFETs to achieve high
efficiency and can generate very low output voltage by using internal reference at 0.6V. It operates at a fixed
switching frequency, and uses the slope compensated current mode architecture. This Step-Down DC-DC
Converter suppliers 600mA output current at VIN=3V with input voltage range from 2.5V to 5.5V.
CURRENT MODE PWM CONTROL
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for
excellent load and line responses and protection of the internal main switch (P-Ch MOSFET) and synchronous
rectifier (N-Ch MOSFET). During normal operation, the internal P-Ch MOSFET is turned on for a certain time to
ramp the inductor current at each rising edge of the internal oscillator, and switched off when the peak inductor
current is above the error voltage. The current comparator, ICOMP, limits the peak inductor current. When the main
switch is off, the synchronous rectifier will be turned on immediately and stay on until either the inductor current
starts to reverse, as indicated by the current reversal comparator, IZERO, or the beginning of the next clock cycle. The
OVDET comparator controls output transient overshoots by turning the main switch off and keeping it off until the
faults is no longer present.
IDLE MODE OPERATION
At very light loads, the FSP3100 automatically enters Idle Mode. In the Idle mode, the inductor current may reach
zero or reverse on each pulse. The PWM control loop will automatically skip pulses to maintain output regulation.
The bottom MOSFET is turned off by the current reversal comparator, IZERO, and the switch voltage will ring. This is
discontinuous mode operation, and is normal behavior for the switching regulator.
DROPOUT OPERATION
When the input voltage decreases toward the value of the output voltage, the FSP3100 allows the main switch to
remain on for more than one switching cycle and increases the duty cycle until it reaches 100%.
The duty cycle D of a step-down converter is defined as:
OUT
ON
OSC
IN
V
D=T
f
100%
100%
V
××
×
Where TON is the main switch on time and fOSC is the oscillator frequency (1.5MHz).
The output voltage then is the input voltage minus the voltage drop across the main switch and the inductor. At low
input supply voltage, the RDS(ON) of the P-Channel MOSFET increase, and the efficiency of the converter decreases.
Caution must be exercised to ensure the heat dissipated not to exceed the maximum junction temperature of the IC.
MAXIMUM LOAD CURRENT
The FSP3100 will operate with input supply voltages as low as 2.5V, however, the maximum load current decreases
at lower input due to large IR drop on the main switch and synchronous rectifier. The slope compensation signal
reduces the peak inductor current as a function of the duty cycle to prevent sub harmonic oscillations at duty cycles
greater than 50%. Conversely the current limit increases as the duty cycle decreases.


Similar Part No. - FSP3100C12AD

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3112 FOSLINK-FSP3112 Datasheet
428Kb / 10P
   DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3112LAD FOSLINK-FSP3112LAD Datasheet
428Kb / 10P
   DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3112MSAD FOSLINK-FSP3112MSAD Datasheet
428Kb / 10P
   DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3122D12AE FOSLINK-FSP3122D12AE Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - FSP3100C12AD

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3112 FOSLINK-FSP3112 Datasheet
428Kb / 10P
   DUAL CHANNEL1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
logo
Monolithic Power System...
EV2104DJ-00A MPS-EV2104DJ-00A Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2104 MPS-MP2104 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
   1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
   600mA, 1.5MHz Synchronous Step-Down Converter
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
   1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
   1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com