Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP1117EA Datasheet(PDF) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1117EA
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1117EA Datasheet(HTML) 6 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP1117EA Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117EA Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117EA Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117EA Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117EA Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117EA Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117EA Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117EA Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117EA Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1A LOW DROPOUT LINEAR REGULATOR
2007-4-9
6/10
FSP1117
ORDERING INFORMATION
MARKING INFORMATION
(1)TO220-3L
(2) TO263-3L
(3) TO252-2L
(4) SOT223
FSP1117XXXX
Package:
T:TO220-3L
K:TO263-3L
D:TO252-2L
E:SOT223
Output Voltage:
Blank: ADJ
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
33: 3.3V
50: 5.0V
Packing:
Blank: Tube or Bulk
A: Tape & Reel
Temperature Grade:
Blank:0~70
E:-40~125
1117-VV
YYWWXX
Logo
Part Number:
1117-ADJ: ADJ
1117-12: 1.2V
1117-15: 1.5V
1117-18: 1.8V
1117-25: 2.5V
1117-33: 3.3V
1117-50: 5.0V
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)
1117-VV
YYWWXX
Logo
Part Number:
1117-ADJ: ADJ
1117-12: 1.2V
1117-15: 1.5V
1117-18: 1.8V
1117-25: 2.5V
1117-33: 3.3V
1117-50: 5.0V
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)
1117-VV
YYWWXX
Logo
Part Number:
1117-ADJ: ADJ
1117-12: 1.2V
1117-15: 1.5V
1117-18: 1.8V
1117-25: 2.5V
1117-33: 3.3V
1117-50: 5.0V
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)
17-VV
YYWWXX
Logo
Part number
17-ADJ: ADJ
17-12: 1.2V
17-15: 1.5V
17-18: 1.8V
17-25: 2.5V
17-33: 3.3V
17-50: 5.0V
Internal code
Date code:
YY: Year (01=2001)
WW: Nth week (01~52)


Similar Part No. - FSP1117EA

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FSP10 CYNERGY3-FSP10 Datasheet
334Kb / 2P
   Flow switch for direct switching of pump
logo
FSP TECHNOLOGY INC.
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K20M1 FSP-FSP100-1K20M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K30M1 FSP-FSP100-1K30M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP100-1K31M1 FSP-FSP100-1K31M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
More results

Similar Description - FSP1117EA

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com