Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHFS11N50ATL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIHFS11N50ATL
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHFS11N50ATL Datasheet(HTML) 1 Page - Vishay Siliconix

  SIHFS11N50ATL Datasheet HTML 1Page - Vishay Siliconix SIHFS11N50ATL Datasheet HTML 2Page - Vishay Siliconix SIHFS11N50ATL Datasheet HTML 3Page - Vishay Siliconix SIHFS11N50ATL Datasheet HTML 4Page - Vishay Siliconix SIHFS11N50ATL Datasheet HTML 5Page - Vishay Siliconix SIHFS11N50ATL Datasheet HTML 6Page - Vishay Siliconix SIHFS11N50ATL Datasheet HTML 7Page - Vishay Siliconix SIHFS11N50ATL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91286
www.vishay.com
S-Pending-Rev. A, 22-Jul-08
WORK-IN-PROGRESS
1
Power MOSFET
IRFS11N50A, SiHFS11N50A
Vishay Siliconix
FEATURES
• Low Gate Charge Qg results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully
Characterized
Capacitance
and
Avalanche Voltage and Current
• Effective Coss Specified
• Lead (Pb)-free Available
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supply
• High Speed Power Switching
TYPICAL SMPS TOPOLOGIES
• Two Transistor Forward
• Half and Full Bridge
• Power Factor Correction Boost
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 19 mH, RG = 25 Ω, IAS = 5.5 A (see fig. 12).
c. ISD ≤ 5.5 A, dI/dt ≤ 90 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
500
RDS(on) (Ω)VGS = 10 V
0.52
Qg (Max.) (nC)
52
Qgs (nC)
13
Qgd (nC)
18
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
Lead (Pb)-free
IRFS11N50APbF
IRFS11N50ATRRPbFa
IRFS11N50ATRLPbFa
SiHFS11N50A-E3
SiHFS11N50ATR-E3a
SiHFS11N50ATL-E3a
SnPb
IRFS11N50A
-
IRFS11N50ATRLa
SiHFS11N50A
-
SiHFS11N50ATLa
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Gate-Source Voltage
VGS
± 30
V
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
11
A
TC = 100 °C
7.0
Pulsed Drain Currenta
IDM
44
Linear Derating Factor
1.3
W/°C
Single Pulse Avalanche Energyb
EAS
275
mJ
Repetitive Avalanche Currenta
IAR
11
A
Repetitive Avalanche Energya
EAR
17
mJ
Maximum Power Dissipation
TC = 25 °C
PD
170
W
Peak Diode Recovery dV/dtc
dV/dt
6.9
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - SIHFS11N50ATL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFS11N50ATRL-GE3A VISHAY-SIHFS11N50ATRL-GE3A Datasheet
350Kb / 10P
   Power MOSFET
01-Jan-2022
SIHFS11N50ATRR-GE3A VISHAY-SIHFS11N50ATRR-GE3A Datasheet
350Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SIHFS11N50ATL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com