Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP1117K25E Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP1117K25E
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP1117K25E Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP1117K25E Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K25E Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K25E Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K25E Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K25E Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K25E Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K25E Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K25E Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP1117K25E Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1A LOW DROPOUT LINEAR REGULATOR
2007-4-9
2/10
FSP1117
ABSOLUTE MAXIMUM RATINGS (NOTE 1)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
20
V
TJ
Maximum Junction Temperature
150
TS
Storage Temperature
-65~150
TLEAD
Lead Temperature (10 sec.)
300
ESD
ESD (Machine Model)
600
V
Note 1: Stresses greater than those listed under“Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress rating only, and functional operation of the device at these or any other conditions beyond
those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute Maximum
Ratings” for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
15
V
TJ
Operating Junction Temperature Range
-40~125
ELECTRICAL CHARACTERISTICS
Operating Conditions: VIN≤10V, TJ=25 , unless otherwise specified
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IO=10mA, VIN-VOUT=2V
1.238
1.250
1.262
Reference
Voltage
VREF
FSP1117 -adj
IO=10mA~1A,1.4V≤VIN-VOUT≤8
V
1.225
1.250
1.270
V
IO=10mA, VIN=3.2V
1.176
1.2
1.224
FSP1117 -1.2
IO=10mA~1A, 3V≤VIN≤10V
1.152
1.2
1.248
V
IO=10mA, VIN=3.5V
1.485
1.5
1.515
FSP1117 -1.5
IO=10mA~1A, 3V≤VIN≤10V
1.470
1.5
1.530
V
IO=10mA, VIN=3.8V
1.782
1.8
1.818
V
FSP1117 -1.8
IO=10mA~1A, 3.2V≤VIN≤10V
1.746
1.8
1.854
V
IO=10mA, VIN=4.5V
2.475
2.5
2.525
FSP1117 -2.5
IO=10mA~1A, 3.9V≤VIN≤10V
2.450
2.5
2.550
V
IO=10mA, VIN=5.0V
3.267
3.3
3.333
FSP1117 -3.3
IO=10mA~1A, 4.75V≤VIN≤10V
3.235
3.3
3.365
V
IO=10mA, VIN=7.0V
4.950
5.0
5.050
Output Voltage
VOUT
FSP1117 -5.0
IO=10mA~1A, 6.5V≤VIN≤12V
4.900
5.0
5.100
V
RegLINE
FSP1117 -adj
IO=10mA,1.5V≤VIN-VOUT≤10V,
0.035
0.2
%
FSP1117
-1.2/1.5/1.8/2.5/
3.3
IO=10mA,1.5V≤VIN-VOUT≤10V
1
6
mV
Line Regulation
Δ
VOUT
FSP1117 -5.0
IO=10mA,1.5V≤VIN-VOUT≤10V
1
10
mV
FSP1117 -adj
IO=10mA~1A, VIN-VOUT=2V
0.2
0.4
%
Load Regulation
RegLoad
IO=10mA~1A, VIN-VOUT=2V
0.1
0.3
%
Δ
VREF=1%,IOUT=0.1A
1.00
1.1
Δ
VREF=1%,IOUT=0.5A
1.08
1.18
FSP1117 -adj
Δ
VREF=1%,IOUT=1.0A
1.15
1.25
Δ
VOUT=1%,IOUT=0.1A
1.00
1.1
Δ
VOUT=1%,IOUT=0.5A
1.08
1.18
Dropout Voltage
(VIN-VOUT)
Δ
VOUT=1%,IOUT=1.0A
1.15
1.25
V
Current Limit
ILIMT
VIN-VOUT=2V
1.25
1.35
A


Similar Part No. - FSP1117K25E

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FSP10 CYNERGY3-FSP10 Datasheet
334Kb / 2P
   Flow switch for direct switching of pump
logo
FSP TECHNOLOGY INC.
FSP100-1K00M1 FSP-FSP100-1K00M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K20M1 FSP-FSP100-1K20M1 Datasheet
153Kb / 1P
   Medical and ITE approvals
FSP100-1K30M1 FSP-FSP100-1K30M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
FSP100-1K31M1 FSP-FSP100-1K31M1 Datasheet
154Kb / 1P
   Medical and ITE approvals
More results

Similar Description - FSP1117K25E

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com