Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHFR9022TL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIHFR9022TL
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHFR9022TL Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHFR9022TL Datasheet HTML 1Page - Vishay Siliconix SIHFR9022TL Datasheet HTML 2Page - Vishay Siliconix SIHFR9022TL Datasheet HTML 3Page - Vishay Siliconix SIHFR9022TL Datasheet HTML 4Page - Vishay Siliconix SIHFR9022TL Datasheet HTML 5Page - Vishay Siliconix SIHFR9022TL Datasheet HTML 6Page - Vishay Siliconix SIHFR9022TL Datasheet HTML 7Page - Vishay Siliconix SIHFR9022TL Datasheet HTML 8Page - Vishay Siliconix SIHFR9022TL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 91349
2
S-Pending-Rev. A, 10-Jun-08
IRFR9022, IRFU9022, SiHFR9022, SiHFU9022
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 14).
b. VDD = - 25 V, Starting TJ = 25 °C, L = 5.1 mH, RG = 25 Ω, Peak IL = - 9.9 A
c. ISD ≤ - 9.9 A, dI/dt ≤ -120 A/µs, VDD ≤ 40 V, TJ ≤ 150 °C.
d. 0.063" (1.6 mm) from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
Maximum Power Dissipation
TC = 25 °C
PD
42
W
Peak Diode Recovery dV/dtc
dV/dt
5.8
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-
-
110
°C/W
Case-to-Sink
RthCS
-1.7
-
Maximum Junction-to-Case (Drain)
RthJC
--
3.0
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 50
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 2.0
-
- 4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 500
nA
Zero Gate Voltage Drain Current
IDSS
VDS = max. rating, VGS = 0 V
-
-
250
µA
VDS = 0.8 x max. rating, VGS = 0 V, TJ = 125 °C
-
-
1000
Drain-Source On-State Resistance
RDS(on)
VGS = - 10 V
ID = 5.7 Ab
-
0.28
0.33
Ω
Forward Transconductance
gfs
VDS ≤ - 50 V, IDS = - 5.7 A
2.3
3.5
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = - 25 V,
f = 1.0 MHz, see fig. 9
-
490
-
pF
Output Capacitance
Coss
-
320
-
Reverse Transfer Capacitance
Crss
-70
-
Total Gate Charge
Qg
VGS = - 10 V
ID = - 9.7 A, VDS = 0.8 x max.
rating, see fig. 16
(Independent operating
temperature)
-9.4
14
nC
Gate-Source Charge
Qgs
-4.3
6.5
Gate-Drain Charge
Qgd
-4.3
6.5
Turn-On Delay Time
td(on)
VDD = - 25 V, ID = - 9.7 A,
RG = 18 Ω, RD = 2.4 Ω, see fig. 15
(Independent operating temperature)
-8.2
12
ns
Rise Time
tr
-57
66
Turn-Off Delay Time
td(off)
-12
18
Fall Time
tf
-25
38
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact.
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
D
S
G


Similar Part No. - SIHFR9022TL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SIHFR9022T VBSEMI-SIHFR9022T Datasheet
990Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SIHFR9022TL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com