Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSP2161K33AD Datasheet(PDF) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2161K33AD
Description  1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2161K33AD Datasheet(HTML) 9 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP2161K33AD Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2161K33AD Datasheet HTML 12Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
2007-12-6
9/12
FSP2161
ORDERING INFORMATION
MARKING INFORMATION
(1) TO252
(2) TO263
FSP2161XXXX
Package Type:
D: TO252
K: TO263
Packing:
A: Tape & Reel
Output Voltage:
33: 3.3V
30: 3.0V
285: 2.85V
28: 2.8V
25: 2.5V
18: 1.8V
15: 1.5V
12: 1.2V
10: 1.0V
09: 0.9V
Temperature Grade:
D: -40~85℃
2161-VV
YYWWXX
Logo
Part Number:
2161-09: 0.9V
2161-10: 1.0V
2161-12: 1.2V
2161-15: 1.5V
2161-18: 1.8V
2161-25: 2.5V
2161-28: 2.8V
2161-285: 2.85V
2161-30: 3.0V
2161-33: 3.3V
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)
2161-VV
YYWWXX
Logo
Part Number:
2161-09: 0.9V
2161-10: 1.0V
2161-12: 1.2V
2161-15: 1.5V
2161-18: 1.8V
2161-25: 2.5V
2161-28: 2.8V
2161-285: 2.85V
2161-30: 3.0V
2161-33: 3.3V
Internal Code
Date Code:
YY: Year (01=2001)
WW: Nth week (01~52)


Similar Part No. - FSP2161K33AD

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2160 FOSLINK-FSP2160 Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E09AD FOSLINK-FSP2160E09AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E10AD FOSLINK-FSP2160E10AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E12AD FOSLINK-FSP2160E12AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160E15AD FOSLINK-FSP2160E15AD Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
More results

Similar Description - FSP2161K33AD

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3115 PAM-PAM3115 Datasheet
537Kb / 16P
   1.5A Low Voltage-Low Dropout CMOS Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2162 FOSLINK-FSP2162 Datasheet
237Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
FSP2160 FOSLINK-FSP2160 Datasheet
254Kb / 11P
   1.5A LOW VOLTAGE LOW DROPOUT CMOS REGULATOR
logo
GTM CORPORATION
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
   1.5A Low Dropout Voltage CMOS Regulator
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
   1.5A Low Dropout Voltage CMOS Regulator
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
   1.5A CMOS Low Dropout Voltage Regulator
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
   1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com