Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL210159173E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL210159173E3
Description  Aluminum Capacitors Power High Ripple Current Screw Terminals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210159173E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL210159173E3 Datasheet HTML 1Page - Vishay Siliconix MAL210159173E3 Datasheet HTML 2Page - Vishay Siliconix MAL210159173E3 Datasheet HTML 3Page - Vishay Siliconix MAL210159173E3 Datasheet HTML 4Page - Vishay Siliconix MAL210159173E3 Datasheet HTML 5Page - Vishay Siliconix MAL210159173E3 Datasheet HTML 6Page - Vishay Siliconix MAL210159173E3 Datasheet HTML 7Page - Vishay Siliconix MAL210159173E3 Datasheet HTML 8Page - Vishay Siliconix MAL210159173E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
101/102 PHR-ST
Aluminum Capacitors
Power High Ripple Current Screw Terminals
Vishay BCcomponents
Document Number: 28371
For technical questions contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 31-Oct-08
169
10 000
-
35 x 60
35 x 80
50 x 80
76 x 105
76 x 105
76 x 220
-
-
-
-
-
35 x 105
50 x 105
76 x 146
76 x 146
90 x 146
-
-
90 x 220
15 000
35 x 60
35 x 60
35 x 105
50 x 105
76 x 146
76 x 146
-
-
-
-
-
35 x 80
50 x 80
-
-
-
90 x 220
-
-
-
22 000
35 x 60
35 x 80
50 x 80
65 x 105
76 x 220
76 x 220
-
-
-
-
-
50 x 80
50 x 105
76 x 105
90 x 146
90 x 146
-
-
-
-
33 000
35 x 80
35 x 105
50 x 105
76 x 105
-
-
-
-
-
-
50 x 80
50 x 80
65 x 105
76 x 146
90 x 220
90 x 220
-
-
-
-
47 000
35 x 105
50 x 80
65 x 105
-
-
-
-
-
-
-
50 x 80
50 x 105
76 x 105
76 x 146
-
-
-
-
-
-
68 000
50 x 80
50 x 105
65 x 105
76 x 146
-
-
-
-
-
-
50 x 105
65 x 105
76 x 146
-
-
-
-
-
-
-
100 000
50 x 105
65 x 105
-
76 x 220
-
-
-
-
-
-
65 x 105
76 x 105
76 x 146
90 x 146
-
-
-
-
-
-
150 000
65 x 105
76 x 105
76 x 146
-
-
-
-
-
-
-
76 x 105
76 x 146
-
90 x 220
-
-
-
-
-
-
220 000
65 x 105
-
76 x 220
-
-
-
-
-
-
-
76 x 105
76 x 146
90 x 146
-
-
-
-
-
-
-
330 000
76 x 146
76 x 220
-
-
-
-
-
-
-
-
-
90 x 146
90 x 220
-
-
-
-
-
-
-
470 000
76 x 220
--
--
--
--
-
90 x 146
90 x 220
-
-
-
-
-
-
-
-
680 000
76 x 220
-
-
-
-
-
-
-
-
-
1 000 000
90 x 220
-
-
-
-
-
-
-
-
-
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
25
40
63
100
200
250
350
385
400
450
DIMENSIONS in millimeters AND AVAILABLE FORMS
Maximum permissible torque which may be applied to the termination screws: 2 Nm for M5; 2.5 Nm for M6
For accessories refer to datasheet “Mounting Accessories”.
The capacitors are delivered with screws and washers.
A
P
Safety
Vent
Thread M x S
M
b
D
D
L
L
t
H
T
B
d1
l
b
Fig. 2A: Standard M5 disc: screw terminal (ST) and screw terminal bolt nut (STB)
B
P
Safety
Vent
Thread M x S
M
b
D
D
H
T
B
d
1
l
b
L
L
t
Fig. 2B: High current M6 disc: screw terminal (ST) and screw terminal bolt nut (STB)


Similar Part No. - MAL210159173E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210412102E3 VISHAY-MAL210412102E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412103E3 VISHAY-MAL210412103E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412152E3 VISHAY-MAL210412152E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412153E3 VISHAY-MAL210412153E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412222E3 VISHAY-MAL210412222E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
More results

Similar Description - MAL210159173E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104PHL-ST VISHAY-104PHL-ST Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com