Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VESD05-02V Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VESD05-02V
Description  Single ESD Protection Diode in SOD523
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VESD05-02V Datasheet(HTML) 3 Page - Vishay Siliconix

  VESD05-02V Datasheet HTML 1Page - Vishay Siliconix VESD05-02V Datasheet HTML 2Page - Vishay Siliconix VESD05-02V Datasheet HTML 3Page - Vishay Siliconix VESD05-02V Datasheet HTML 4Page - Vishay Siliconix VESD05-02V Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VESDxx-02V
Document Number 85857
Rev. 1.3, 11-Dec-06
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches): SOD523
Figure 5. Reverse Voltage vs. Reverse Current
0
2
4
6
8
10
12
14
16
18
0.01
0.1
1
10
100
1000
IR - Reverse Current (µA)
19013
VESD12-02V
VESD08-02V
VESD05-02V
VESD03-02V
VESD01-02V
Figure 6. Typical Forward Voltage vs. Peak Pulse Current
0
1
2
3
4
5
6
7
8
9
10
024
6
8
10 12 14 16 18 20
19061
IPP - Peak Pulse Cureent (A)
VESD01-02V
VESD03-02V
VESD05-02V
VESD12-02V
VESD08-02V
Document no.: S8-V-3880.02-001
Rev. f - Date: 25. January. 2005
16864
0.35 [0.014]
1.45 [0.057]
1.3 [0.051]
1.1 [0.043]
1.5 [0.059]
1.7 [0.067]
0.9 [0.035]
0.7 [0.028]
foot print recommendation:


Similar Part No. - VESD05-02V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05-02V VISHAY-VESD05-02V Datasheet
63Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
VESD05-02V VISHAY-VESD05-02V Datasheet
84Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.1, 20-Jun-12
VESD05-02V-G-08 VISHAY-VESD05-02V-G-08 Datasheet
63Kb / 5P
   Single ESD-Protection Diode in SOD-523
Rev. 1.0, 08-Nov-10
More results

Similar Description - VESD05-02V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A1-02V VISHAY-VESD05A1-02V Datasheet
125Kb / 6P
   ESD Protection Diode in SOD523
Rev. 1.0, 04-Apr-05
VESD05A1-02V VISHAY-VESD05A1-02V_08 Datasheet
120Kb / 7P
   ESD-Protection Diode in SOD523
Rev. 1.3, 27-Oct-08
logo
Nexperia B.V. All right...
PESD15VS1UB NEXPERIA-PESD15VS1UB Datasheet
226Kb / 12P
   ESD protection diode in SOD523 package
14 April 2023
PESD3V3S1UB-Q NEXPERIA-PESD3V3S1UB-Q Datasheet
225Kb / 12P
   ESD protection diode in SOD523 package
31 May 2022
PESD12VS1UB NEXPERIA-PESD12VS1UB Datasheet
219Kb / 11P
   ESD protection diode in SOD523 package
29 November 2018
PESD3V3S1UB NEXPERIA-PESD3V3S1UB Datasheet
226Kb / 12P
   ESD protection diode in SOD523 package
11 April 2023
PESD24VS1UB NEXPERIA-PESD24VS1UB Datasheet
220Kb / 11P
   ESD protection diode in SOD523 package
29 November 2018
PESD15VS1UB-Q NEXPERIA-PESD15VS1UB-Q Datasheet
225Kb / 12P
   ESD protection diode in SOD523 package
18 August 2022
logo
NXP Semiconductors
PESDXS1UB PHILIPS-PESDXS1UB Datasheet
123Kb / 15P
   ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
PESDXS1UB NXP-PESDXS1UB Datasheet
123Kb / 15P
   ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com