Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL205952331E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL205952331E3
Description  Aluminum Capacitors Power Long Life Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205952331E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL205952331E3 Datasheet HTML 1Page - Vishay Siliconix MAL205952331E3 Datasheet HTML 2Page - Vishay Siliconix MAL205952331E3 Datasheet HTML 3Page - Vishay Siliconix MAL205952331E3 Datasheet HTML 4Page - Vishay Siliconix MAL205952331E3 Datasheet HTML 5Page - Vishay Siliconix MAL205952331E3 Datasheet HTML 6Page - Vishay Siliconix MAL205952331E3 Datasheet HTML 7Page - Vishay Siliconix MAL205952331E3 Datasheet HTML 8Page - Vishay Siliconix MAL205952331E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 28342
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
5
058/059 PLL-SI
Aluminum Capacitors
Power Long Life Snap-In
Vishay BCcomponents
Table 3
50
1000
22 x 25
1.50
1.83
304
104
138
69
51102E3
71102E3
1500
22 x 30
1.88
2.29
454
154
102
54
51152E3
71152E3
2200
25 x 30
2.27
2.77
664
124
82
47
51222E3
71222E3
2200
22 x 40
2.55
3.11
664
124
71
38
41222E3
21222E3
3300
30 x 30
2.81
3.43
994
334
66
41
51332E3
71332E3
3300
25 x 40
3.07
3.75
994
334
57
33
41332E3
21332E3
4700
30 x 40
3.77
4.60
1414
474
47
30
51472E3
71472E3
4700
25 x 50
3.85
4.70
1414
474
43
27
41472E3
21472E3
6800
35 x 40
4.01
4.89
2044
684
49
30
51682E3
71682E3
6800
30 x 50
4.74
5.78
2044
684
38
24
41682E3
21682E3
10 000
35 x 50
5.04
6.15
3004
1004
38
24
51103E3
71103E3
63
680
22 x 25
1.17
1.43
261
90
228
150
58681E3
78681E3
1000
22 x 30
1.46
1.78
382
130
170
115
58102E3
78102E3
1500
25 x 30
1.76
2.15
571
193
137
85
58152E3
78152E3
1500
22 x 40
2.00
2.44
571
193
115
85
48152E3
28152E3
2200
30 x 30
2.27
2.77
836
281
101
70
58222E3
78222E3
2200
25 x 40
2.40
2.93
836
281
94
70
48222E3
28222E3
3300
30 x 40
3.07
3.75
1251
420
70
50
58332E3
78332E3
3300
25 x 50
3.07
3.75
1251
420
70
50
48332E3
28332E3
4700
35 x 40
3.65
4.45
1781
596
60
45
58472E3
78472E3
4700
30 x 50
3.88
4.73
1781
596
53
45
48472E3
28472E3
6800
35 x 50
4.58
5.59
2574
861
46
35
58682E3
78682E3
100
330
22 x 25
0.92
1.12
202
70
370
250
59331E3
79331E3
470
22 x 30
1.14
1.39
286
98
280
190
59471E3
79471E3
680
25 x 30
1.35
1.65
412
140
232
140
59681E3
79681E3
680
22 x 40
1.57
1.92
412
140
190
140
49681E3
29681E3
1000
30 x 30
1.79
2.40
604
204
163
115
59102E3
79102E3
1000
25 x 40
1.85
2.26
604
204
158
115
49102E3
29102E3
1500
30 x 40
2.45
2.99
904
304
111
85
59152E3
79152E3
1500
25 x 50
2.38
2.90
904
304
116
85
49152E3
29152E3
2200
35 x 40
3.05
3.72
1324
444
86
65
59222E3
79222E3
2200
30 x 50
3.13
3.82
1324
444
82
65
49222E3
29222E3
3300
35 x 50
3.84
4.68
1984
664
64
50
59332E3
79332E3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 059 SERIES
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(A)
IL1
1min
(µA)
IL5
5min
(µA)
ESR
100 kHz
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
MAL2059.....
2-TERM.
3-TERM.
200
100
22 x 25
0.53
124
44
1280
730
52101E3
72101E3
150
22 x 30
0.67
184
64
850
540
52151E3
72151E3
220
22 x 35
0.86
268
92
610
430
32221E3
12221E3
220
25 x 30
0.87
268
92
610
430
52221E3
72221E3
330
30 x 30
1.12
400
136
435
300
52331E3
72331E3
330
25 x 40
1.12
400
136
435
300
42331E3
22331E3
470
30 x 35
1.46
568
192
335
225
32471E3
12471E3
470
25 x 50
1.25
568
192
335
225
42471E3
22471E3
680
30 x 45
1.87
820
276
235
155
32681E3
12681E3
680
35 x 35
1.85
820
276
235
155
62681E3
82681E3
1000
35 x 50
2.45
1204
404
160
125
52102E3
72102E3
250
68
22 x 25
0.49
106
38
1640
760
53689E3
73689E3
100
22 x 30
0.62
154
54
1110
570
53101E3
73101E3
150
22 x 35
0.82
229
79
795
440
33151E3
13151E3
150
25 x 30
0.82
229
79
795
440
53151E3
73151E3
220
25 x 35
1.03
334
114
540
300
33221E3
13221E3
220
30 x 30
1.06
334
114
540
300
53221E3
73221E3
330
30 x 35
1.43
499
169
385
225
33331E3
13331E3
330
25 x 50
1.40
499
169
385
225
43331E3
23331E3
470
30 x 45
1.79
709
239
270
155
33471E3
13471E3
470
35 x 35
1.79
709
239
270
155
63471E3
83471E3
680
35 x 45
2.25
1024
344
190
125
43681E3
23681E3
ELECTRICAL DATA AND ORDERING INFORMATION FOR 058 SERIES (Ø D x L in mm)
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(A)
IR
≥ 10 kHz
105 °C
(A)
IL1
1min
(µA)
IL5
5min
(µA)
ESR
100 Hz
(m
Ω)
Z
10 Hz
(m
Ω)
ORDERING CODE
MAL2058.......
2-TERM.
3-TERM.


Similar Part No. - MAL205952331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205952331E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com