Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL210168223E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MAL210168223E3
Description  Aluminum Capacitors Power High Ripple Current Screw Terminals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL210168223E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MAL210168223E3 Datasheet HTML 3Page - Vishay Siliconix MAL210168223E3 Datasheet HTML 4Page - Vishay Siliconix MAL210168223E3 Datasheet HTML 5Page - Vishay Siliconix MAL210168223E3 Datasheet HTML 6Page - Vishay Siliconix MAL210168223E3 Datasheet HTML 7Page - Vishay Siliconix MAL210168223E3 Datasheet HTML 8Page - Vishay Siliconix MAL210168223E3 Datasheet HTML 9Page - Vishay Siliconix MAL210168223E3 Datasheet HTML 10Page - Vishay Siliconix MAL210168223E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
101/102 PHR-ST
Aluminum Capacitors
Power High Ripple Current Screw Terminals
Vishay BCcomponents
Document Number: 28371
For technical questions contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 31-Oct-08
175
Note
(1) Low ESL designs available on request
RIPPLE CURRENT AND USEFUL LIFE
Note
• Calculation example for 102 series. Maximum ripple current multiplier = 1.6 x 1.3 x 1.25 = 2.6
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≤ 250 V versions
Us = 1.15 x UR
≥ 350 V versions
Us = 1.1 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current in µA
After 1 min at UR
IL1 ≤ 0.006 CR x UR
After 5 min at UR
IL5 ≤ 0.002 CR x UR
Inductance
Equivalent series inductance (ESL)
Case Ø D = 35 mm
Typ. 13 nH
Case Ø D = 50 mm
Typ. 16 nH
Case Ø D = 65 mm
Typ. 19 nH (1)
Case Ø D = 76 mm
Typ. 20 nH (1)
Case Ø D = 90 mm
Typ. 21 nH (1)
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
1
1.1
1.2
1.3
1.4
1.5
Air Velocity [m/s]
IR Free
IR Forced
Fig. 3 Multiplier of ripple current (IR) as a function of air flow
MAXIMUM RIPPLE CURRENT
PARAMETER
CONDITION
MAXIMUM RIPPLE CURRENT MULTIPLIER
VALUE
Ambient temperature (Tamb)
70 °C
From nomogram; see fig. 4
1.6
Operating frequency (f)
400 Hz
From frequency; table 4
1.3
Air flow
2 m/s
From air-flow; see fig. 3
1.25


Similar Part No. - MAL210168223E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL210412102E3 VISHAY-MAL210412102E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412103E3 VISHAY-MAL210412103E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412152E3 VISHAY-MAL210412152E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412153E3 VISHAY-MAL210412153E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
MAL210412222E3 VISHAY-MAL210412222E3 Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
More results

Similar Description - MAL210168223E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
101PHR-ST VISHAY-101PHR-ST Datasheet
358Kb / 10P
   Aluminum Capacitors Power High Ripple Current Screw Terminals
Revision: 22-Dec-05
101PHR-ST VISHAY-101PHR-ST_12 Datasheet
125Kb / 11P
   Aluminum Capacitors, Power High Ripple Current, Screw Terminals
Revision: 09-Mar-12
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_11 Datasheet
117Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Mar-11
104PHL-ST VISHAY-104PHL-ST Datasheet
152Kb / 8P
   Aluminum Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 03-Nov-11
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
104PHL-ST VISHAY-104PHL-ST_V01 Datasheet
106Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
01-Jan-2023
104PHL-ST VISHAY-104PHL-ST_17 Datasheet
127Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com