Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL213239229E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL213239229E3
Description  Aluminum Capacitors Axial Long Life, DIN-Based
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL213239229E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  MAL213239229E3 Datasheet HTML 1Page - Vishay Siliconix MAL213239229E3 Datasheet HTML 2Page - Vishay Siliconix MAL213239229E3 Datasheet HTML 3Page - Vishay Siliconix MAL213239229E3 Datasheet HTML 4Page - Vishay Siliconix MAL213239229E3 Datasheet HTML 5Page - Vishay Siliconix MAL213239229E3 Datasheet HTML 6Page - Vishay Siliconix MAL213239229E3 Datasheet HTML 7Page - Vishay Siliconix MAL213239229E3 Datasheet HTML 8Page - Vishay Siliconix MAL213239229E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28366
222
Revision: 18-Apr-08
132/133 ALL-DIN
Vishay
Aluminum Capacitors
Axial Long Life, DIN-Based
RIPPLE CURRENT AND USEFUL LIFE
IMPEDANCE (Z)
Fig.9 Typical impedance as a function of ambient temperature
- 60
- 40
- 20
0
20
40
60
80
100
Case Ø D x L = 6.5 x 18 to 10 x 25 mm
f = 10 Hz
102
10
1
Z
(
Ω)
1
2
3
4
5
10
-1
10
-2
T
amb (°C)
Curve 1: 47 µF, 100 V
Curve 2: 47 µF, 16 V
Curve 3: 150 µF, 16 V
Curve 4: 220 µF, 16 V
Curve 5: 470 µF, 16 V
Fig.10 Typical impedance as a function of frequency
Case Ø D x L = 6.5 x 18 to 10 x 25 mm
T
amb (°C)
6
5
4
3
10
10
10
10
10
3
10
2
10
1
f (Hz)
Z
(
Ω)
2
10
1
2
3
4
5
10
-1
Curve 1: 47 µF, 100 V
Curve 2: 47 µF, 16 V
Curve 3: 150 µF, 16 V
Curve 4: 220 µF, 16 V
Curve 5: 470 µF, 16 V
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
8090
100
T amb (°C)
CCC205
lifetime multiplier
(1)
I
A
I
R
Fig.11 Multiplier of useful life as a function of ambient temperature and ripple current load
IA = actual ripple current at 100 Hz
IR = rated ripple current at 100 Hz, 85 °C
(1) Useful life at 85
°C and I
R applied:
case
∅ D x L = 6.5 x 18 to 8 x 18 mm: 10 000 hours
case
∅ D x L = 10 x 18 to 21 x 38 mm: 15 000 hours


Similar Part No. - MAL213239229E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL213430109E3 VISHAY-MAL213430109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430229E3 VISHAY-MAL213430229E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213430478E3 VISHAY-MAL213430478E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431109E3 VISHAY-MAL213431109E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
MAL213431338E3 VISHAY-MAL213431338E3 Datasheet
313Kb / 5P
   Aluminum Capacitors Radial Low Profile, 5 mm
Revision: 15-Oct-08
More results

Similar Description - MAL213239229E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
132133ALL-DIN VISHAY-132133ALL-DIN Datasheet
222Kb / 9P
   Aluminum Capacitors Axial Long-Life, DIN-Based
01-Jan-2023
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
138AML VISHAY-138AML_08 Datasheet
144Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 15-Oct-08
138AML VISHAY-138AML_17 Datasheet
246Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
Revision: 10-Jan-17
125ALS VISHAY-125ALS Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
125ALS VISHAY-125ALS_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
138AML VISHAY-138AML_V01 Datasheet
245Kb / 12P
   Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
01-Jan-2023
119AHTDIN VISHAY-119AHTDIN Datasheet
225Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
Revision: 26-Nov-12
logo
Vaishali Semiconductor
119AHT-DIN VAISH-119AHT-DIN Datasheet
141Kb / 11P
   Aluminum Capacitors Axial High Temperature, DIN-Based
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com