Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCS103 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCS103
Description  Bulk Metal® Technology Precision, Low Value, Current Sense/Current Shunt Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS103 Datasheet(HTML) 3 Page - Vishay Siliconix

  VCS103 Datasheet HTML 1Page - Vishay Siliconix VCS103 Datasheet HTML 2Page - Vishay Siliconix VCS103 Datasheet HTML 3Page - Vishay Siliconix VCS103 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 63016
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 25-Jun-07
3
VCS101, VCS103, VCS401
Bulk Metal® Technology
Precision, Low Value, Current Sense/Current Shunt Resistors
Vishay Foil Resistors
Note
* For non-standard requests, please contact Application Engineering.
TABLE 4 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y09300R01000F9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
0 = Standard
9 = Lead (Pb)-free
1 - 999 = Custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0930 = VCS101
0940 = VCS103
0945 = VCS401
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
L = Bulk Pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0930 0R01000 F 9 L:
TYPE: VCS101
VALUE: 0.01
Ω
ABSOLUTE TOLERANCE: ± 1.0 %
TERMINATION: Lead (Pb)-free
PACKAGING: Bulk Pack
HISTORICAL PART NUMBER: VCS101T 0R0100 F B (will continue to be used)
VCS101
T
0R0100
F
B
MODEL
TERMINATION
OHMIC VALUE
RESISTANCE
TOLERANCE
PACKAGING
VCS101
VCS103
VCS401
T = Lead (Pb)-free
None = Tin/Lead alloy
0.01
Ω
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
G = ± 2.0 %
J = ± 5.0 %
B = Bulk Pack
9300
01
0
R
Y0
F9
0
L
0


Similar Part No. - VCS103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS103 VISHAY-VCS103 Datasheet
78Kb / 2P
   Bulk Metal Technology Precision, Low Value, Current Sense/Current Shunt Resistors
Revision: 25-Jun-07
More results

Similar Description - VCS103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS101 VISHAY-VCS101 Datasheet
78Kb / 2P
   Bulk Metal Technology Precision, Low Value, Current Sense/Current Shunt Resistors
Revision: 25-Jun-07
logo
List of Unclassifed Man...
SR10 ETC2-SR10 Datasheet
327Kb / 1P
   Precision Current Sense Resistors
logo
Ohmite Mfg. Co.
TGHG OHMITE-TGHG Datasheet
345Kb / 2P
   Precision Current Sense Resistors
TGHGCR0005FE OHMITE-TGHGCR0005FE Datasheet
106Kb / 1P
   Precision Current Sense Resistors
logo
Vishay Siliconix
CSM VISHAY-CSM Datasheet
1Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
Revision: 3-May-11
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
   METAL FOIL CURRENT SENSE RESISTORS
logo
KOA Speer Electronics, ...
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
   metal plate current sense resistors
logo
RHOPOINT COMPONENTS
SMK-R010-5.0 RHOPOINT-SMK-R010-5.0 Datasheet
140Kb / 3P
   Precision Resistors for Current Sense
logo
KOA Speer Electronics, ...
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
   metal plate current sense resistors
LR72A KOA-LR72A Datasheet
222Kb / 2P
   metal plate current sense resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com