Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL250034272E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL250034272E3
Description  Aluminum Capacitors Power General Purpose Screw Terminals
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL250034272E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL250034272E3 Datasheet HTML 1Page - Vishay Siliconix MAL250034272E3 Datasheet HTML 2Page - Vishay Siliconix MAL250034272E3 Datasheet HTML 3Page - Vishay Siliconix MAL250034272E3 Datasheet HTML 4Page - Vishay Siliconix MAL250034272E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
500 PGP-ST
Vishay BCcomponents
Aluminum Capacitors
Power General Purpose Screw Terminals
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28390
164
Revision: 31-Oct-08
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Large types, cylindrical aluminum case,
insulated with a blue sleeve
• Pressure relief in the sealing disc
• Efficient design
APPLICATIONS
• UPS
• Energy storage in medical or industrial pulse systems
MARKING
The capacitors are marked with the following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code
• Name of manufacturer
• Code for factory of origin
• Code number
QUICK REFERENCE DATA
DESCRIPTION
VALUE
500
Nominal case size (Ø D x L in mm)
50 x 80 to 90 x 220
Rated capacitance range, CR
1000 to 15 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
400 to 450 V
Category temperature range
- 40 to + 85 °C
Endurance test at 85 °C
2000 hours
Useful life at 85 °C
2000 hours
Shelf life at 0 V, 85 °C
500 hours
Based on sectional specification
IEC 60384-4/EN 130300
Climatic category IEC 60068
40/085/56
ST
STB
Fig.1 Component outline
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
400
420
450
1000
50 x 80
50 x 80
50 x 80
1200
50 x 80
50 x 80
50 x 80
1500
50 x 105
50 x 105
50 x 105
1800
50 x 105
50 x 105
50 x 105
2200
50 x 105
65 x 105
65 x 105
65 x 105
2700
65 x 105
65 x 105
65 x 105
3300
65 x 105
65 x 105
76 x 105
3900
65 x 105
76 x 105
76 x 105
4700
76 x 105
76 x 114
76 x 114
5600
76 x 114
76 x 130
76 x 146
6800
76 x 146
76 x 146
90 x 146
8200
90 x 146
90 x 146
76 x 220
10 000
76 x 220
90 x 146
76 x 220
76 x 220
12 000
76 x 220
-
90 x 220
15 000
90 x 220
90 x 220
-


Similar Part No. - MAL250034272E3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAL2020 MMD-MAL2020 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048 MMD-MAL202048 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048A MMD-MAL202048A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020A MMD-MAL2020A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020C MMD-MAL2020C Datasheet
74Kb / 1P
   Industry Standard Package
More results

Similar Description - MAL250034272E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
500PGP-ST VISHAY-500PGP-ST_17 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 28-Sep-17
500PGP-ST VISHAY-500PGP-ST_13 Datasheet
103Kb / 6P
   Aluminum Capacitors, Power General Purpose Screw Terminals
Revision: 08-May-13
500PGP-ST VISHAY-500PGP-ST_V01 Datasheet
139Kb / 7P
   Aluminum Capacitors, Power General Purpose Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_11 Datasheet
104Kb / 7P
   Aluminum Capacitors, Power Eurodin, Screw Terminals
Revision: 28-Oct-11
106PED-ST VISHAY-106PED-ST Datasheet
109Kb / 6P
   Aluminum Capacitors Power Eurodin Screw Terminals
Revision: 31-Oct-08
501PGM-ST VISHAY-501PGM-ST_V01 Datasheet
113Kb / 6P
   Aluminum Capacitors, Power General Purpose Miniaturized Screw Terminal
01-Jan-2023
501PGM-ST VISHAY-501PGM-ST Datasheet
113Kb / 6P
   Aluminum Capacitors, Power General Purpose Miniaturized Screw Terminal
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
logo
Kemet Corporation
C44A KEMET-C44A Datasheet
384Kb / 5P
   ALUMINIUM CASE CAPACITORS GENERAL PURPOSE APPLICATION SCREW TERMINALS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com