Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAL205871472E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL205871472E3
Description  Aluminum Capacitors Power Long Life Snap-In
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL205871472E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL205871472E3 Datasheet HTML 1Page - Vishay Siliconix MAL205871472E3 Datasheet HTML 2Page - Vishay Siliconix MAL205871472E3 Datasheet HTML 3Page - Vishay Siliconix MAL205871472E3 Datasheet HTML 4Page - Vishay Siliconix MAL205871472E3 Datasheet HTML 5Page - Vishay Siliconix MAL205871472E3 Datasheet HTML 6Page - Vishay Siliconix MAL205871472E3 Datasheet HTML 7Page - Vishay Siliconix MAL205871472E3 Datasheet HTML 8Page - Vishay Siliconix MAL205871472E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
058/059 PLL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28342
2
Revision: 18-Aug-08
2200
-
-
22 x 25
22 x 30
25 x 30
30 x 30
35 x 40
-
-
-
-
22 x 40
25 x 40
30 x 50
3300
-
22 x 25
22 x 30
25 x 30
30 x 30
30 x 40
35 x 50
-
-
-
22 x 40
25 x 40
25 x 50
-
4700
22 x 25
22 x 30
25 x 30
30 x 30
30 x 40
35 x 40
-
-
-
22 x 40
25 x 40
25 x 50
30 x 50
-
6800
22 x 30
25 x 30
30 x 30
30 x 40
35 x 40
35 x 50
-
-
22 x 40
25 x 40
25 x 50
30 x 50
-
-
10 000
25 x 30
30 x 30
30 x 40
35 x 40
35 x 50
-
-
22 x 40
25 x 40
25 x 50
30 x 50
-
-
-
15 000
30 x 30
30 x 40
35 x 40
35 x 50
-
-
-
25 x 40
25 x 50
30 x 50
-
-
-
-
22 000
30 x 40
35 x 40
35 x 50
-
-
-
-
25 x 50
30 x 50
-
-
-
-
-
33 000
35 x 40
35 x 50
-
-
-
-
-
30 x 50
--
--
--
47 000
35 x 50
-
-
-
-
-
-
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 058 SERIES (Ø D x L in mm)
CR
(µF)
UR (V)
10
16
25
40
50
63
100
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES FOR 059 SERIES (Ø D x L in mm)
CR
(µF)
UR (V)
200
250
385
400
33
-
-
22 x 25
-
47
-
-
22 x 30
22 x 30
68
-
22 x 25
22 x 35
22 x 35
-
-
25 x 30
25 x 30
100
22 x 25
22 x 30
30 x 30
30 x 30
-
-
25 x 40
25 x 40
150
22 x 30
22 x 35
25 x 50
30 x 35
-
25 x 30
30 x 40
25 x 50
220
22 x 35
30 x 30
35 x 40
35 x 40
25 x 30
25 x 35
30 x 50
30 x 50
330
30 x 30
30 x 35
35 x 50
35 x 50
25 x 40
25 x 50
-
-
470
30 x 35
35 x 35
-
-
25 x 50
30 x 45
-
-
680
35 x 35
35 x 45
-
-
30 x 45
-
-
-
1000
35 x 50
-
-
-


Similar Part No. - MAL205871472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL205014103E3 VISHAY-MAL205014103E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014153E3 VISHAY-MAL205014153E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014223E3 VISHAY-MAL205014223E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014333E3 VISHAY-MAL205014333E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
MAL205014472E3 VISHAY-MAL205014472E3 Datasheet
178Kb / 11P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 17-Jun-08
More results

Similar Description - MAL205871472E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com