Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550D565X9050R2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 550D565X9050R2
Description  Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D565X9050R2 Datasheet(HTML) 1 Page - Vishay Siliconix

  550D565X9050R2 Datasheet HTML 1Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 2Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 3Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 4Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 5Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 6Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 7Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 8Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
550D
Vishay Sprague
Solid-Electrolyte TANTALEX® Capacitors
for High Frequency Power Supplies
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 40017
1
Revision: 28-Aug-08
FEATURES
• Terminatons: Tin/lead (SnPb), 100 % Tin
(RoHS compliant)
• Hermetically-sealed, axial-lead solid tantalum
capacitors
• Small size and long life
• Exceptional capacitance stability and excellent resistance
to severe environmental conditions
• The military equivalent is the CSR21 which is qualified to
MIL-C-39003/09
APPLICATIONS
Designed for power supply filtering applications at above
100 kHz
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 85 °C,
(to + 125 °C with voltage derating)
Capacitance Tolerance: At 120 Hz, + 25 °C. ± 20 %,
± 10 % standard. ± 5 % available as special
Dissipation Factor: At 120 Hz, + 25 °C. Dissipation factor,
as determined from the expression 2
π f C
R, shall not exceed
the values listed in the standard ratings tables
DC Leakage Current (DCL Max.):
At + 25 °C: Leakage current shall not exceed the values
listed in he Standard Ratings Tables
At + 85 °C: Leakage current shall not exceed 10 times the
values listed in the standard ratings tables
At +125 °C: Leakage shall not exceed 15 times the values
listed in the standard ratings tables
Life Test: Capacitors shall withstand rated DC voltage
applied at + 85 °C for 2000 h or derated DC voltage applied
at + 125 °C for 1000 h
Following the life test:
1. DCL shall not exceed 125 % of the initial requirements
2. Dissipation Factor shall meet the initial requirement
3. Change in capacitance shall not exceed ± 5 %
Notes
(1) When a shrink-fitted insulation is used, it shall lap over the ends of the capacitor body
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
550D
157
X0
006
R
2
T
E3
MODEL
CAPACITANCE
CAPACITANC
E TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE
CODE
STYLE
NUMBER
PACKAGING
ROHS
COMPLIANT
This is expressed in picofarads.
The first two digits are the
significant figures. The third is the
number of zeros to follow.
Standard capacitance ratings are
in accordance with EIA preferred
number series wherever possible.
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 %
* Special order
This is expressed in
volts.
To complete the
three-digit block, zeros
precede the voltage
rating.
See
ratings
and
case
codes
table.
2 =
Insulated
sleeve
T = Tape and
Reel
B = Bulk
(tray) pack
E3 = 100 %
tin termination
(RoHS
compliant)
Blank = SnPb
termination
DIMENSIONS in inches (millimeters)
CASE
CODE
WITH INSULATING SLEEVE (1)
J (MAX.)
LEAD SIZE
D
L
AWG NO.
NOMINAL DIA.
R
0.289 ± 0.016 (7.34 ± 0.41)
0.686 ± 0.031 (17.42 ± 0.79)
0.822 (20.880)
22
0.025 (0.64)
S
0.351 ± 0.016 (8.92 ± 0.41)
0.786 ± 0.031 (19.96 ± 0.79)
0.922 (23.420)
22
0.025 (0.64)
D
DIA.
L
SOLID TINNED
LEADS
0.047 [1.19] MAX.
0.125 [3.18] MAX.
1.500 ± 0.250
[38.10 ± 6.35]
1.500 ± 0.250
[38.10 ± 6.35]


Similar Part No. - 550D565X9050R2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D565X9050R2 VISHAY-550D565X9050R2 Datasheet
151Kb / 8P
   Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Revision 11-Nov-04
More results

Similar Description - 550D565X9050R2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D VISHAY-550D Datasheet
151Kb / 8P
   Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Revision 11-Nov-04
299D VISHAY-299D Datasheet
132Kb / 8P
   Solid-Electrolyte TANTALEX짰 Capacitors, Tripole Triple-Lead, Resin-Coated
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Vishay Siliconix
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
logo
MERITEK ELECTRONICS COR...
TC105M35B MERITEK-TC105M35B Datasheet
164Kb / 2P
   Tantalum Capacitors with Solid Electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com