Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

202D218X0060B4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 202D218X0060B4
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

202D218X0060B4 Datasheet(HTML) 1 Page - Vishay Siliconix

  202D218X0060B4 Datasheet HTML 1Page - Vishay Siliconix 202D218X0060B4 Datasheet HTML 2Page - Vishay Siliconix 202D218X0060B4 Datasheet HTML 3Page - Vishay Siliconix 202D218X0060B4 Datasheet HTML 4Page - Vishay Siliconix 202D218X0060B4 Datasheet HTML 5Page - Vishay Siliconix 202D218X0060B4 Datasheet HTML 6Page - Vishay Siliconix 202D218X0060B4 Datasheet HTML 7Page - Vishay Siliconix 202D218X0060B4 Datasheet HTML 8Page - Vishay Siliconix 202D218X0060B4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX® Components
TANTAPAK® Capacitor Assemblies
200D, 202D
Vishay
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40027
104
Revision: 14-Oct-05
FEATURES
TANTAPAK® Wet Sintered Anode capacitor assemblies are
widely used in filter, coupling, bypass and time-delay circuits
in computers, missiles, airborne equipment, radar and fire
control systems.
TANTAPAK® capacitor assemblies are available in 3 standard
case styles and 13 case codes. Type 200D units are
constructed with the negative terminal connected to the
case; they are available only in the “A” case, in five case
codes.
Model
202D
capacitors
are
the
commercial
equivalent of Tansitor Style RW, Mallory-NACC Style TL and
are designed to meet MIL-DTL-3965 and DSCC DWG
04021.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C.
Capacitance Tolerance: At 120 Hz, + 25 °C. ± 20 %
standard. ± 10 % available.
DC Leakage Current (DCL Max.):
At + 25 °C: Leakage current shall not exceed the values
listed in the Standard Ratings Tables.
Life Test: Capacitors shall withstand 2000 hours at a
temperature of + 85 °C or + 125 °C at the rated DC working
voltage.
Following the life test:
1. DCL shall not exceed the original requirement.
2. ESR shall not be more than 130 % of the initial
requirement.
3. Capacitance shall not change more than ± 25 %.
ORDERING INFORMATION
202D
318
X0
006
A1
MODEL
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85
°C
CASE CODE
200D = Negative terminal connected to case
(Available only in 'A' Cases)
202D = Both terminals insulated from case
This is expressed in picofarads.
The first two digits are the
significant figures. The third is
the number of zeros to follow
X0 = ± 20 %
X9 = ± 10 %
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating
See
Dimensional
Configurations
DIMENSIONS in inches [millimeters]
MODEL 200D
MODEL 202D
SERIES “A” CASE
0.067 [1.70]
DIA. HOLE
0.203± 0.031
[5.16 ± 0.79]
CL
0.625 ± 0.015
[15.88 ± 0.38]
1.275 ± 0.015
[32.39 ± 0.38]
CL
0.062 x 0.125
[1.57 x 3.18]
HOLE
0.266 ± 0.031
[6.76 ± 0.79]
H ± 0.031
[0.79]
0.625 ± 0.015
[15.88 ± 0.38]
CL
0.625± 0.015
[15.88± 0.38]
0.720 ± 0.031
[18.29 ± 0.79]
1.305 ± 0.031
[33.15 ± 0.79]
90° ± 1°
90° ± 1°
Series “B” Case
0.062 x 0.125
[1.57 x 3.18]
Hole
H ± 0.062
[1.57]
1.593 ± 0.062
[40.46 ± 1.57]
C
L
0.281 ± 0.031
[7.14 ± 0.79]
C
L
1.000 ± 0.062
[25.4 ± 1.57]
0.750 ± 0.015
[19.05 ± 0.38]


Similar Part No. - 202D218X0060B4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
202D218X0060B5 VISHAY-202D218X0060B5 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results

Similar Description - 202D218X0060B4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com