Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

202D128X0060B2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 202D128X0060B2
Description  Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

202D128X0060B2 Datasheet(HTML) 2 Page - Vishay Siliconix

  202D128X0060B2 Datasheet HTML 1Page - Vishay Siliconix 202D128X0060B2 Datasheet HTML 2Page - Vishay Siliconix 202D128X0060B2 Datasheet HTML 3Page - Vishay Siliconix 202D128X0060B2 Datasheet HTML 4Page - Vishay Siliconix 202D128X0060B2 Datasheet HTML 5Page - Vishay Siliconix 202D128X0060B2 Datasheet HTML 6Page - Vishay Siliconix 202D128X0060B2 Datasheet HTML 7Page - Vishay Siliconix 202D128X0060B2 Datasheet HTML 8Page - Vishay Siliconix 202D128X0060B2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Document Number: 40027
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 14-Oct-05
105
200D, 202D
Wet Tantalum Capacitors
Wet Sintered Anode TANTALEX® Components
TANTAPAK® Capacitor Assemblies
Vishay
DIMENSIONS in inches [millimeters]
CASE
CODE
H
CASE HEIGHT
TYPICAL
WEIGHT (g)
A1
1.062 [26.97]
45
A2
1.375 [34.93]
60
A3
1.625 [41.28]
80
A4
2.000 [50.80]
100
A5
2.500 [63.50]
125
B1
1.500 [38.10]
170
B2
1.875 [47.63]
210
B3
2.250 [57.15]
250
B4
2.625 [66.68]
290
B5
3.000 [76.20]
335
B6
3.375 [85.73]
380
B7
3.750 [95.25]
420
D3
1.625 [41.28]
120
Series “D” Case
45°
CL
C
L
0.281 ± 0.062
[7.14 ± 1.57]
0.140 ± 0.031
[3.56 ± 0.79]
0.531 ± 0.031
[13.49 ± 0.79]
0.265 ± 0.015
[6.73 ± 0.38]
0.138 [3.51] NOM.
(6-32 NC 2A THD.)
0.140 x 0.125
[1.57 x 3.18] HOLE
0.375 ± 0.062
[9.53 ± 1.57]
H ± 0.031
[0.79]
0.875 ± 0.031
[22.23 ± 0.79]
0.875 ± 0.031
[22.23 ± 0.79]
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER (1)
TYPE 200D
PART NUMBER (1)
TYPE 202D
MAX. ESR
at + 25 °C
(
Ω)
MAX. IMP.
at - 55 °C
(
Ω)
MAX. RMS
RIPPLE
120 Hz (A)
15 WVDC at + 85 °C . . . 10 WVDC at + 125 °C
960.0
A1
200D967X0015A1
202D967X0015A1
0.25
3.1
1.17
1200.0
A2
200D128X0015A2
202D128X0015A2
0.21
2.3
1.45
1400.0
A3
200D148X0015A3
202D148X0015A3
0.18
1.7
1.67
1600.0
A1
200D168X0015A1
202D168X0015A1
0.25
4.2
1.20
2100.0
A2
200D218X0015A2
202D218X0015A2
0.19
3.1
1.52
2100.0
A4
200D218X0015A4
202D218X0015A4
0.12
1.3
2.22
2200.0
D3
-
202D228X0015D3
0.30
5.8
1.14
2400.0
A5
200D248X0015A5
202D248X0015A5
0.10
1.15
2.66
2700.0
A3
200D278X0015A3
202D278X0015A3
0.15
2.5
1.83
3200.0
A4
200D328X0015A4
202D328X0015A4
0.13
2.1
2.13
3300.0
B1
-
202D338X0015B1
0.14
3.2
2.17
4300.0
A5
200D438X0015A5
202D438X0015A5
0.095
1.6
2.73
4500.0
B2
-
202D458X0015B2
0.11
2.4
2.65
5600.0
B3
-
202D568X0015B3
0.085
1.9
3.24
6700.0
B4
-
202D678X0015B4
0.070
1.6
3.80
7800.0
B5
-
202D788X0015B5
0.061
1.4
4.28
9000.0
B6
-
202D908X0015B6
0.053
1.2
4.84
10 000.0
B7
-
202D109X0015B7
0.047
1.1
5.38
20 WVDC at + 85 °C . . . 13 WVDC at + 125 °C
1300.0
A1
200D138X0020A1
202D138X0020A1
0.25
5.0
1.20
1700.0
A2
200D178X0020A2
202D178X0020A2
0.19
3.8
1.52
1900.0
D3
-
202D198X0020D3
0.21
5.0
1.36
2200.0
A3
200D228X0020A3
202D228X0020A3
0.15
3.0
1.83
2700.0
A4
200D278X0020A4
202D278X0020A4
0.13
2.5
2.13
2800.0
B1
-
202D288X0020B1
0.14
3.3
2.17
3500.0
A5
200D358X0020A5
202D358X0020A5
0.094
1.9
2.75
3800.0
B2
-
202D388X0020B2
0.11
2.5
2.65
4700.0
B3
-
202D478X0020B3
0.085
2.0
3.24
5600.0
B4
-
202D568X0020B4
0.071
1.7
3.77
6600.0
B5
-
202D668X0020B5
0.061
1.4
4.28
7500.0
B6
-
202D758X0020B6
0.053
1.3
4.84
8500.0
B7
-
202D858X0020B7
0.047
1.1
5.38
Note
(1) The Part Numbers listed are for ± 20 % tolerance. To specify ± 10 % tolerance, change the digit following “X” from “0” to “9”. For
requirements or ratings other than those listed, please contact a Vishay representative.


Similar Part No. - 202D128X0060B2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
202D128X0060B2 VISHAY-202D128X0060B2 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results

Similar Description - 202D128X0060B2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
769D VISHAY-769D Datasheet
70Kb / 5P
   Wet Tantalum Capacitors with Epoxy End-Fill, Sintered Anode, TANTALEX Capacitors CECC 30202-013 Approved
Revision 17-Oct-03
109D VISHAY-109D_17 Datasheet
126Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 28-Aug-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com