Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

280105-01 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 280105-01
Description  Plasma Panel Display Modules 128 x 64 Graphics Display with ASCII Input Controller, DC/DC Converter and Drive Circuitry
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

280105-01 Datasheet(HTML) 5 Page - Vishay Siliconix

  280105-01 Datasheet HTML 1Page - Vishay Siliconix 280105-01 Datasheet HTML 2Page - Vishay Siliconix 280105-01 Datasheet HTML 3Page - Vishay Siliconix 280105-01 Datasheet HTML 4Page - Vishay Siliconix 280105-01 Datasheet HTML 5Page - Vishay Siliconix 280105-01 Datasheet HTML 6Page - Vishay Siliconix 280105-01 Datasheet HTML 7Page - Vishay Siliconix 280105-01 Datasheet HTML 8Page - Vishay Siliconix 280105-01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 37011
Revision 21-Dec-00
www.vishay.com
24
APD-128G064C
Vishay Dale
COMMAND SET, GRAPHIC MODE (SOFTWARE INSTRUCTIONS)
CURSOR LOCATION - All cursor locations are based upon Pixel location - NOT - character column and row locations. The
upper left hand corner is 000,000 (X, Y) while the lower right hand corner is 127, 063 (X, Y). The cursor auto-increments
based upon the character font size by the width of the font. The cursor is not visible in graphic logic.
WRITE LOGIC - Within most commands, the WRITE LOGIC byte must be included:
0 = SET PIXELS (turn-on foreground pixels)
1 = XOR PIXELS (invert foreground pixels)
2 = RESET PIXELS (turn-off foreground pixels)
3 = OVERWRITE (turn-on foreground and turn-off back ground pixels, image write and graphic text commands only)
4 = REVERSE VIDEO OVERWRITE (turn-off foreground and turn-on background pixels, image write and graphic
text commands only)
FONT SIZE
The FONT SIZE must be written before text is written. There are three standard fonts included in the graphics mode:
1 = FONT 1, a 4 x 5 character in a 5 x 6 block
2 = FONT 2, a 5 x 7 character in a 6 x 8 block
3 = FONT 3, a 10 x 14 character in a 12 x 16 block
Refer to character set tables for supported characters and fonts.
NOTE: The LOGIC byte and FONT byte are sent in ASCII format.
DATA FORMAT
All addresses must be sent in ASCII format. Column and row positions begin at the upper left hand corner at address
000,000 (X, Y). A pixel address consists of a column address followed by row address. Addresses are sent to the panel as
a three character ASCII sequence for column (x) followed by a three character ASCII sequence for row (y). An example is
the upper left hand pixel is 000,000 while the lower right hand corner is 127,063.
NOTE: Spaces are shown in the graphic sequences only for clarity and must not occur in the actual commands transmitted
to the panel.
GRAPHIC FUNCTIONS
GRAPHIC FUNCTIONS
CLEAR SCREEN: This command will clear the graphic screen to all pixels off (logic 0).
ESC C
TEXT WRITE: Logic byte (l), font byte (f), x, y starting address, ASCII text. Wrap around will occur.
ESC B l f xxx yyy aaaa..aaaa ESC \
SET PIXEL COMMAND: Logic byte (l), x, y pixel address, end of data delimiter.
ESC D l xxx yyy ESC \
(Single pixel)
ESC D l xxx yyy xxx yyy .......ESC \
(Continous)
SET GRAPHICS MODE:
ESC G
DRAW ELLIPSE: Logic byte, major axis intercept offset, minor axis intercept offset (axis's intercept offset is measured in
pixels from the center point), x, y center point, from angle theta (t), in degrees, to phi (p). A complete rotation would be from
001 to 360.
ESC H l mmm www xxx yyy ttt ppp
WRITE GRAPHIC IMAGE: Logic byte 1, y1 (upper left hand corner), 2, y2 (width and height), data.
ESC I l xxx yyy xxx yyy ddd ....
X1 start coordinate and X2 width must both be multiples of 8. The number of data bytes transmitted must be equal to (X2
width / 8)* Y2 height. The first data byte transmitted will map into the 8 pixels on the top line in the upper left hand corner of
the image with the least significant bit at the left and the most significant bit at the right. Successive bytes will write to the
next byte to the right. When all bytes are written for this line, the next byte will map into the left most byte of the next line
down.
Graphical representation of each data byte:
lsb x x x x x x msb
HEX
CODE
1B, 42
1B, 43
1B, 44
1B, 46
SET TEXT MODE:
ESC F
1B, 47
1B, 48
1B, 49


Similar Part No. - 280105-01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
280105-01 VISHAY-280105-01 Datasheet
147Kb / 10P
   Plasma Panel Display Modules
Revision 21-Dec-00
280105-01 VISHAY-280105-01 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
280105-01 VISHAY-280105-01 Datasheet
82Kb / 2P
   Plasma Panel Display Modules 240 Character Display with Drive Electronics Controller and Parallel Interface
Revision 05-Dec-00
280105-01 VISHAY-280105-01 Datasheet
148Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
280105-01 VISHAY-280105-01 Datasheet
194Kb / 9P
   Plasma Panel Display Modules
18-Jul-08
More results

Similar Description - 280105-01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APD-128G064D VISHAY-APD-128G064D Datasheet
77Kb / 3P
   Plasma Panel Display Modules 128 x 64 Graphics Display with Video Interface, DC Converter and Drive Circuitry
Revision 05-Dec-00
APD-128G064A-1 VISHAY-APD-128G064A-1 Datasheet
78Kb / 2P
   Plasma Display Modules 128 x 64 Graphics Display with Drive Electronics, TTL Level Data Interface and DC to DC Converter
Revision 08-Nov-00
APD-240G120 VISHAY-APD-240G120 Datasheet
80Kb / 2P
   Plasma Panel Display Modules 240 x 120 Graphics Display with Drive Electronics and Controller
Revision 05-Dec-00
APD-192G064-1 VISHAY-APD-192G064-1 Datasheet
84Kb / 3P
   Plasma Panel Display Modules 192 x 64 Graphics Display with Drive Electronics TTL Level Data Interface and Integrated DC Converter
Revision 05-Dec-00
APD-128G064 VISHAY-APD-128G064_07 Datasheet
51Kb / 2P
   Plasma Display Modules 128 x 64 Graphics Display with Drive Electronics and TTL Level Data Interface
Revision 05-Dec-00
APD-192G096 VISHAY-APD-192G096 Datasheet
74Kb / 2P
   Plasma Panel Display Modules 192 x 96 Graphics Display with Drive Electronics Controller and Serial Interface
Revision 10-Nov-00
APD-192G064 VISHAY-APD-192G064 Datasheet
52Kb / 1P
   Plasma Panel Display Modules 192 x 64 Graphics Display with Drive Electronics and TTL Level Data Interface
Revision 07-Nov-00
APD-256G064-1 VISHAY-APD-256G064-1 Datasheet
79Kb / 3P
   Plasma Panel Display Module 256 x 64 Graphics Display with Drive Electronics, TTL Level Data Interfacer and Integrated DC Converter
Revision 05-Dec-00
APD-128G032 VISHAY-APD-128G032 Datasheet
51Kb / 1P
   Plasma Display Modules 128 x 32 Graphics Display with Drive Electronics and TTL Level Data Interface
Revision 16-Nov-00
APD-016M040 VISHAY-APD-016M040 Datasheet
74Kb / 3P
   Plasma Panel Display Modules 16 Character Display with Drive Electronics and Controller
Revision 05-Dec-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com