Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

195D155X_035E2T Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 195D155X_035E2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

195D155X_035E2T Datasheet(HTML) 6 Page - Vishay Siliconix

  195D155X_035E2T Datasheet HTML 1Page - Vishay Siliconix 195D155X_035E2T Datasheet HTML 2Page - Vishay Siliconix 195D155X_035E2T Datasheet HTML 3Page - Vishay Siliconix 195D155X_035E2T Datasheet HTML 4Page - Vishay Siliconix 195D155X_035E2T Datasheet HTML 5Page - Vishay Siliconix 195D155X_035E2T Datasheet HTML 6Page - Vishay Siliconix 195D155X_035E2T Datasheet HTML 7Page - Vishay Siliconix 195D155X_035E2T Datasheet HTML 8Page - Vishay Siliconix 195D155X_035E2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 40011
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 05-May-08
115
195D
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated
Vishay Sprague
ORDERING INFORMATION - EUROPEAN USE ONLY
195D
106
X0
004
D
2
T
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE CODE
TERMINATION
PACKAGING
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to
follow.
X0 = ± 20 %
X9 = ± 10 %
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V).
See Ratings
and Case
Codes Table
Style 2 is
standard
2 = Solderable
Coating
4 = Gold Plated
8 = Solder
Plated
(60/40)
Special Order
T = Tape and Reel
180 mm Reel
standard
See Tape and Reel
Specifications.
Note: Preferred tolerance and reel sizes are in bold. We reserve the right to supply higher voltage ratings and tighter capacitance tolerance
capacitors in the same size. Voltage substitutions will be marked with the higher voltage rating.
DIMENSIONS in millimeters
CASE CODE
L ± 0.3
W ± 0.3
H (MAX.)
A ± 0.3
B ± 0.3
C (MIN.)
A
2.8 ± 0.2
1.5
1.4
0.7
1.6
0.3
B
4.2 ± 0.2
1.4
1.6
0.8
2.5
0.3
D
4.2 ± 0.2
2.1
1.6
0.8
2.5
0.5
E
5.5
2.1
1.7
1.0
3.2
0.8
F
5.0
3.3
2.0
1.0
3.6
0.8
G
7.0
2.6
2.8
1.0
4.5
0.8
H
7.8
3.7
3.0
1.0
5.0
0.8
Note: The anode termination (D less B) will be a minimum of 0.010 (0.25), C Case = 0.005 (0.131) minimum
L
A
B
D
C
W
J
J
H
Tantalum wire Nib
identifies Anode
(+) terminal
195D STANDARD RANGE, RATINGS AND CASE CODES
µF
2 V
4 V
6.3 V
10 V
15 V
20 V
25 V
35 V/40 V
50 V
0.10
AA
0.15
AA
0.22
AB
0.33
ABB
0.47
A
A
B
D
0.68
A
B
D
D
1.0
ABB
D
E
1.5
A
B
D
E
F
2.2
A
B
D
E
F
F
3.3
A
B
D
E
F
G
4.7
A
B
D
E
F
G
H
6.8
A
D
E
F
G
H
10
A
D
E
F
G


Similar Part No. - 195D155X_035E2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D155X-010C2T VISHAY-195D155X-010C2T Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
More results

Similar Description - 195D155X_035E2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
595D107X9025R2T VISHAY-595D107X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0010R2T VISHAY-595D227X0010R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com